PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
62C256 IS62C256-7 IS62C256-4 IS62C256-70T IS62C256 |
32K x 8 Low Power CMOS Static RAM(32K x 8 浣????MOS???RAM) 32K x 8 LOW POWER CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ETC[ETC] Integrated Silicon Solution Inc
|
CY7C1020CV33 CY7C1020V3 CY7C1020V33 CY7C1020CV33-1 |
32K x 16 Static RAM 32K X 16 STANDARD SRAM, 15 ns, PDSO44 Memory : Async SRAMs 512K (32K x 16) Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C198 CY7C198-15 CY7C198-15LMB CY7C198-20 CY7C19 |
32K x 8 Static RAM 32K的8静态RAM 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 35 ns, CQCC32 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 45 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 45 ns, CQCC32 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO32
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
GLT725608-15TS GLT725608-20TS GLT725608 GLT725608- |
15ns; Ultra high performance 32K x 8 CMOS static RAM 12ns; Ultra high performance 32K x 8 CMOS static RAM Ultra High Performance 32K x 8 Bit CMOS STATIC RAM 32K的超高性能× 8位CMOS静态RAM
|
G-LINK Technology List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
6SVP470M IS61C3216-10K IS61C3216-10T IS61C3216-12K |
32K x 16 HIGH-SPEED CMOS STATIC RAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44 32K x 16 HIGH-SPEED CMOS STATIC RAM 32K X 16 STANDARD SRAM, 10 ns, PDSO44 32K x 16 HIGH-SPEED CMOS STATIC RAM 32K X 16 STANDARD SRAM, 12 ns, PDSO44 Frequency characteristics
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Sanyo Semicon Device Integrated Silicon Solution Inc
|
IS61C256AH IS61C256AH-20N IS61C256AH-12T IS61C256A |
32K x 8 HIGH-SPEED CMOS STATIC RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 32K x 8 HIGH-SPEED CMOS STATIC RAM 32K X 8 STANDARD SRAM, 20 ns, PDIP28 32K x 8 HIGH-SPEED CMOS STATIC RAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 32K x 8 HIGH-SPEED CMOS STATIC RAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 32K x 8 HIGH-SPEED CMOS STATIC RAM 32K X 8 STANDARD SRAM, 15 ns, PDIP28
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
IS62LV256-70T-TR IS62LV256-70TI-TR IS62LV256AL-45J |
32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 45 ns, PDSO28 32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
CY7C007A 7C017A |
32K/16K x 8, 32K x 9Dual-Port Static RAM From old datasheet system
|
Cypress
|