PART |
Description |
Maker |
MC92314 |
DVB-T Single Chip Demodulator Application Note
|
Motorola
|
MC92314 MOTOROLAINC.-MC92314 |
DVB-T Single Chip Demodulator Application Note
|
Motorola, Inc
|
STIH253BYKBB STIH253ZKBB STIH253-GKBB STIH253-BKBB |
Advanced STB processor with integrated DVB-C/DVB-T/DVB-T2 demodulator
|
ST Microelectronics
|
STI7167 STI7167ZUC |
Advanced STB decoder with integrated DVB-T/DVB-C demodulator
|
STMicroelectronics
|
ADMTV102 |
RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
|
Analog Devices
|
STIH251 STIH251-SUD STIH251-KUD STIH251-RUD |
Advanced STB decoder with integrated DVB-T/DVB-T2/DVB-C demodulator Advanced STB decoder with integrated DVB-T2 and DVB-T demodulator
|
ST Microelectronics STMicroelectronics
|
SST25VF016B-50-4I-S2AF ZL10310GAC ZL10311GAC ZL103 |
16 Mbit SPI Serial Flash Digital Television DVB-T-On-a-Chip Processor
|
SST ZARLINK[Zarlink Semiconductor Inc]
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
S5H1420 S5H1420X01 |
Channel Decoder for DVB-S/DSS
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
CYP15G0401DXB-BGXI |
Quad HOTLink II (TM) Transceiver; Features: Channel Bonding, 8B/10B, Redundancy, BIST, JTAG; Frequency Range: 0.2 to 1.5 Gbps; Standard: Ethernet, Fibre Channel, ESCON, DVB-ASI;
|
CYPRESS SEMICONDUCTOR CORP
|