PART |
Description |
Maker |
TDA8030HL TDA8031HL |
USB smart card reader (OTP or ROM)
|
NXP Semiconductors
|
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
AU952005 AU9520 |
USB Smart Card Reader Controller
|
List of Unclassifed Manufacturers ETC
|
AT83C24B-TIRIL AT83C24NDS-TIRIL AT83C24B-TIRIM AT8 |
Smart Card Reader Interface with Power Management
|
ATMEL Corporation
|
TS-RDS2 |
USB 2.0 Compact Card Reader
|
Transcend Information. Inc.
|
73S1209F-68IM/F 73S1209F-68IMR/F 73S1209F-44IMR/F |
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
|
Teridian Semiconductor Corporation
|
AU9331 |
USB Secure Digital Card Reader
|
Alcor Micro Corp
|
GL813 |
USB 2.0 CompactFlash Card Reader Controller
|
Genesys Logic ETC
|
GL816 |
USB 2.0 Flash Card Reader Controller
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
AT83C24B-TISUM ATMELCORP-AT83C24B-TIRUM |
Smart Card Reader Interface with Power Management SPECIALTY MICROPROCESSOR CIRCUIT, PDSO28
|
Atmel, Corp.
|
AT83C24NDS-TISIL AT83C24NDS-TIRIM |
Smart Card Reader Interface with Power Management Smart Card Reader Interface with Power Management
|
http:// ATMEL Corporation
|