PART |
Description |
Maker |
TC83230-0015 |
TC83230-0015: Single-Chip CMOS LSI for Calculators with Printers Single-Chip CMOS LSI for Calculators with Printers (applicable printer heads: M31/M31A manufactured by EPSON)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
HD40L4240H HD40L4240P HD40L4240S HD404240H HD40424 |
V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4bit single-chip microcomputers
|
HITACHI[Hitachi Semiconductor]
|
C0603C152J5RACTM C0603C152J1RACTU C0603C152J8RACTU |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 100 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 10 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 25 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 200 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 16 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT
|
KEMET, Corp.
|
80C32C-20R 80C32C-12R 80C32C-36R 80C32C-42R 80C32C |
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller 的CMOS 04 MHz的单芯片8位微控制 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 CMOS 0 to 44 MHz Single Chip 8bit Microntroller METER PROCESS TIME 6-DIGIT ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
|
http:// Atmel, Corp. Honeywell International, Inc. Welwyn Components, Ltd. Amphenol, Corp. TEMIC Semiconductors
|
S3C921FS3P921F |
The Single-chip CMOS Microcontroller Data Sheet The Single-chip CMOS Microcontroller Errata
|
Samsung Electronic
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
C0603C152J5RAC7867 C0603C152J5RACTU |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, X7R, 0.0015 uF, SURFACE MOUNT, 0603 CHIP
|
KEMET, Corp.
|
C1206C152G1GAC |
CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0015 uF, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT
|
KEMET, Corp.
|
P80C851FBA P80C851FBB P80C851FBP P80C851FFA P80C85 |
CMOS single-chip 8-bit microcontroller with on-chip EEPROM CMOS单芯位微控制器的片上EEPROM
|
NXP Semiconductors N.V. Philips
|
LC876580B LC876596B |
CMOS IC 8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
|
SANYO[Sanyo Semicon Device]
|
|