PART |
Description |
Maker |
BT236X-600 BT236X-600F BT236X-600G BT236X-800 BT23 |
6 A Four-quadrant triacs 6 A Four-quadrant triacs - I<sub>GT</sub>: 25 mA; I<sub>T</sub> (R<sub>MS</sub>): 6 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 6 A Four-quadrant triacs
|
http:// NXP Semiconductors
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BZX55-C4V7 BZX55-C4V3 BZX55-C0V8 BZX55-C20 BZX55-C |
16A TRIACS 25 A standard and Snubberless" triacs 4A SCRS Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Zener Diodes(齐纳二极 齐纳二极管(齐纳二极管) 8A TRIACS 稳压二极 AUTOMATIC VOLTAGE SWITCH (SMPS <200W) Zener Diodes(榻?撼浜??绠?
|
GE[General Semiconductor] GE Security, Inc. Micro Commercial Components, Corp.
|
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BTA204SERIESBANDC BTA204-600E BTA204 BTA204-800C B |
Three quadrant triacs high commutation(三象限双向高换向可控 三象限晶闸管高减刑(三象限双向高换向可控硅) Three quadrant triacs guaranteed commutation Threequadranttriacshighcommutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
PHILIPS
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC4DLM-D MAC4DLM-1G |
Sensitive Gate Triacs; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BTA216-600C BTA216-500C BTA216SERIESC BTA216-800C |
Three quadrant triacs Three quadrant triacs Three quadrant triacs high commutation
|
NXP Semiconductors Philips Semiconductors
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|
BTA208B BTA208B-800C NXPSEMICONDUCTORS-BTA208-600C |
Three quadrant triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 8 A, SNUBBERLESS TRIAC, TO-263
|
NXP Semiconductors N.V. Philips Semiconductors
|