PART |
Description |
Maker |
KH232 |
Low Distortion Wideband Op Amp
|
Cadeka
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
ISL55020IRZ-T13 ISL55020IRZ ISL55020 |
Wideband, Low Distortion, Differential Amplifier
|
Intersil Corporation
|
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MHW1303LA |
The RF Line Low Distortion Wideband Reverse Amplifier Module
|
Motorola, Inc
|
MAX4256 MAX4255 |
"Low-Noise/Distortion, Low-Power, Rail-to-Rail Op Amp with Shutdown (Av > +10V/V)" "Low-Noise/Distortion, Low-Power, Rail-to-Rail Op Amp (Av > +10V/V) in SOT23"
|
Maxim
|
EL2126CS-T EL2126CW-T EL2126CW-T7A EL2126CW-T7 EL2 |
Ultra-Low Noise/ Low Power/ Wideband Amplifier Op Amp, 100MHz Wideband, Ultra Low Noise 1.3nV/√Hz, Low Power, 2.5-15VDC Ultra-Low Noise Low Power Wideband Amplifier
|
INTERSIL[Intersil Corporation]
|
ADA4857-1YCPZ-R2 ADA4857-1YCPZ-R7 ADA4857-1YCPZ-RL |
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
|
http:// Analog Devices
|
LTC6401CUD-20TRPBF |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16
|
Linear Technology, Corp.
|
AD9630 AD9630AN AD9630AR AD9630AR-REEL |
Low Distortion 750 MHz Closed-Loop Buffer Amp
|
Analog Devices, Inc. AD[Analog Devices]
|