PART |
Description |
Maker |
M24256-B MM24256-BBN5T MM24256-BBN6T MM24256-BDL5T |
32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 256/128 Kbit Serial I C Bus EEPROM With Three Chip Enable Lines 一百二十八分之二百五十六千位串行总线EEPROM,带有集成电路芯片启用三 HDWR ASSY ROD 2-4 MODULES SER 3 HDWR ASSY ROD 1 MODULES SER 3 HDWR NUT FASTENER SER 3 ROD ASSY TOOL HAND NUT DRIVER FOR SER 3 256/128 Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial I?C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines
|
STMicroelectronics N.V. EEPROM 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
UL1242N UL1242 |
Ukad wzmacniacza p.cz. UL1242N 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
List of Unclassifed Manufacturers Ultra CEMI ETC
|
M24256 M24128 4688 |
256/128 Kbit Serial I2C Bus EEPROM Without Chip Enable Lines From old datasheet system
|
STMicro
|
PSD8342V10JIT PSD834F2V-15 PSD9342V10MIT |
Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM 闪光私营部门3.3V电源,为8位微控制56千位双闪存和64千位的SRAM Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM 闪光私营部门.3V电源,为8位微控制56千位双闪存和64千位的SRAM
|
意法半导 STMicroelectronics N.V.
|
PSD834F2V-15M PSD834F2V-20JI PSD834F2V-20MI PSD834 |
FLASH PSD, 3.3V SUPPLY, FOR 8-BIT MCUS 2 MBIT 256 KBIT DUAL FLASH MEMORIES AND 64 KBIT SRAM
|
ST Microelectronics
|
SLA24C01-D-3/P SLA24C02-D-3/P SLA24C02-S-3/P SLA24 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
|
SIEMENS A G SIEMENS AG Siemens Semiconductor Group
|
SST31LF043A-70-4C-WI SST31LF041-300-4E-WH SST31LF0 |
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位的SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PDSO32 XTAL MTL SMT HC49/USM 4 Mbit闪存1兆位56千位的SRAM ComboMemory XTAL CER SMT 7X5 2PAD 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 DIODE SWITCH 75V 350MW SOT-23 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
S29PL129N70FFW002 S29PL127N65GFIW02 |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
M93C86-DS3TP/W M93C46-DS3TP/W M93C46-BN3G/W M93C46 |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位千位千位千位千位位或16位宽)MICROWIRE的㈢串行访问的EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位千位千位千位1千位位或16位宽)MICROWIRE的㈢串行访问的EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位千位4千位千位千位位或16位宽)MICROWIRE的㈢串行访问的EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位8千位千位千位千位8位或16位宽)MICROWIRE的㈢串行访问的EEPROM
|
意法半导 STMicroelectronics N.V.
|
UHR-5/4000-D48 UHR-12/1650-D48 UHR-12/1650-D12 UHR |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 型DC - DC电压转换 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 型DC - DC电压转换
|
EEPROM NIC Components, Corp. PLX Technology, Inc.
|