PART |
Description |
Maker |
135D606X0050T6 135D706X0015F2 135D405X0060C0 135D4 |
CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 43 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 55UF 125VDC 20% 10.32 X 28.6MM AXL PLASTIC - Trays CAP 560UF 10VDC 20% 7.93 X 17.88MM AXL PLASTIC - Trays CAP 560UF 25VDC 20% 9.53 X 19.46MM AXL PLASTIC - Trays CAP 30UF 6VDC 20% 5.57 X 13.08MM AXL PLASTIC - Trays Wet Tantalum Capacitors Tantalum-Case
|
Vishay Sprague Vishay Siliconix
|
G681 G680 |
Microprocessor Reset IC Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 16V; Case Size: 4.3x7.3 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 1.5uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
TG-110 TG-112 TG-115 TG-117 TG-124 TG-123 TG-181 T |
HIGH ENERGY SPARK GAP DEVICES 高能火花隙装 Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 1uF; Voltage: 6.3V; Case Size: 2x1.25 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 4V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel HIGH ENERGY SPARK GAP DEVICES
|
Clare Inc CLARE[Clare, Inc.] CLARE[Clare Inc.]
|
T520V227M2R5AE009 T520L337M2R5AE009 T520A476M2R5AE |
KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
|
Kemet Corporation
|
T495B106K025ZTE750 |
Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
|
Kemet Corporation
|
V23833-G6005-A101 |
Tantalum Molded Capacitor; Capacitance: 1uF; Voltage: 35V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
Infineon Technologies AG
|
T495X227K016ZTE100 |
Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
|
Kemet Corporation
|
KBL005 KBL02 KBL04 KBL10 KBL08 KBL01 KBL06 |
Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 16V; Packaging: Tape & Reel SINGLE-PHASE SILICON BRIDGE
|
GOOD-ARK[GOOD-ARK Electronics] http://
|
|