PART |
Description |
Maker |
SC1405B SC1405BTS.TR |
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
|
SEMTECH[Semtech Corporation]
|
MAX1639 MAX1639ESE |
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
|
MAXIM[Maxim Integrated Products]
|
MAX1638VRMEVKIT |
High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
|
MAXIM - Dallas Semiconductor
|
A63L73321E-10 A63L73321E-9.5 |
10ns 128K x 32bit synchronous high speed SRAM 9.5ns 128K x 32bit synchronous high speed SRAM
|
AMIC Technology
|
IDT70T3589S-200DRI IDT70T3589S-133BF IDT70T3589S-1 |
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 2.5V56/128/64K × 36 SYNCHRONOU S双,端口静态RAM.5V的接 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PBGA256
|
Integrated Device Technology, Inc.
|
W25P240A W25P240A-6 W25P240A-6A W25P240AF-6 W25P24 |
From old datasheet system 64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM 64K*32 high speed, low power synchronous-burst pipelined CMOS static RAM
|
Winbond Electronics Corp WINBOND[Winbond]
|
AT27BV400-15TI AT27BV400 AT27BV400-12JC AT27BV400- |
High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 256K X 16 OTPROM, 120 ns, PDSO48 4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 256K X 16 OTPROM, 150 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
SC420IMLTR SC420 |
High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
|
Semtech Corporation
|
SC1205CS SC1205 |
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
|
SEMTECH[Semtech Corporation]
|
50S116T 50S116T-5 50S116T-6 50S116T-7 |
High-speed synchronous dynamic random access memory (SDRAM), organized as 512K words x 2 banks x 16 bits. Speed (CL = 3) 143MHz. Self refresh current (max) 1mA High-speed synchronous dynamic random access memory (SDRAM), organized as 512K words x 2 banks x 16 bits. Speed (CL = 3) 166MHz. Self refresh current (max) 1mA High-speed synchronous dynamic random access memory (SDRAM), organized as 512K words x 2 banks x 16 bits. Speed (CL = 3) 200MHz. Self refresh current (max) 1mA SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
|
CERAMATE TECHNOLOGY CO., LTD.
|
LTC4449EDCB LTC4449EDCBPBF LTC4449EDCBTRPBF LTC444 |
High Speed Synchronous N-Channel MOSFET Driver
|
Linear Technology
|