PART |
Description |
Maker |
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
MAC228A MAC228A10 MAC228A10G MAC228A4 MAC228A6 MAC |
TRIAC 8A 600V TRIAC 8A 400V TRIAC 8A 200V
|
ON Semiconductor
|
CQ220-12B CQ220-12D CQ220-12M CQ220-12N |
Leaded Thyristor TRIAC 12 AMP TRIAC 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 400 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
CQ220I-12D CQ220I-12N CQ220I-12M CQ220I-12B |
ISOLATED TAB TRIAC 12 AMP 200 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BT138-600 BT138-600F BT138-600G BT138-500/B BT138- |
TRIAC 12A SOT-186A TRIAC 12A/600V TRIAC 12A/500V Triacs
|
Philips Semiconductors
|
Q6040M9 Q7040M9 Q4040M9 Q2040M9 Q8040M9 Q5040M9 Q2 |
TRIAC|600V V(DRM)|40A I(T)RMS|TO-218 TRIAC|700V V(DRM)|40A I(T)RMS|TO-218 TRIAC|800V V(DRM)|40A I(T)RMS|TO-218 TRIAC|500V V(DRM)|40A I(T)RMS|TO-218 TRIAC|200V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|700V V(DRM)|15A I(T)RMS|TO-220 可控硅| 700V的五(DRM)的| 15A条口(T)的有效值|20 TRIAC|400V V(DRM)|15A I(T)RMS|TO-220 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|800V V(DRM)|25A I(T)RMS|TO-220
|
Motorola Mobility Holdings, Inc.
|
CQ3P-25N CQ3P-25B CQ3P-25D CQ3P-25M |
ISOLATED 30 AMP TRIAC 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CHTB12-600 |
TRIAC ALTERNIST 12A 600V TO220AB 600 V, 12 A, ALTERNISTOR TRIAC, TO-220AB
|
Crydom, Inc.
|
8AS-12 BCR20B-8 BCR25A-8 |
600 V, 0.8 A, TRIAC 400 V, 20 A, TRIAC TRIGGER OUTPUT SOLID STATE RELAY
|
|
BT134W_SERIES_D_1 BT134W-600D/T1 BT134W-600D-T |
600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC TRIAC 1A SOT-223 From old datasheet system
|
NXP SEMICONDUCTORS
|
CQDD-12M CQDD-12N |
SMD TRIAC 12 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|