PART |
Description |
Maker |
CT1611 CT1611-FP |
DMA Controller with Buffer Memory,MIL-STD-1750A Compatible
|
Aeroflex Circuit Technology Aeroflex Inc.
|
5962H9211802VYA 5962H9211802VYC 5962-9211803QZA 59 |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Intersil, Corp. Maxwell Technologies, Inc
|
ARX4404 ARX4404-001-1 ARX4404-001-2 ARX4404-201-1 |
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553 ARX4404 & 4407 Transceivers for MACAIR A3818 A5690 A5232 A4905 & MIL-STD-1553 ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553 ARX4404 & 4407 Transceivers for MACAIR A3818/ A5690/ A5232/ A4905 & MIL-STD-1553 Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:22-9 RoHS Compliant: No ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
CT2542 CT2542-FP-701 CT2542-701 CT2542-FP |
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B 2542双冗余的CT远程终端的MIL - STD - 1553B总线
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|
HI-611010 |
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
|
Holt Integrated Circuits
|
TMS4703 |
TRENTON 4U MIL-STD MIL ITARY COMPUTER
|
List of Unclassifed Manufacturers
|
BU-61585P0-12 BU-61580P0-12 BU-61585P5-12 BU-61580 |
2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CPGA70 1.900 X 1.900 INCH, LOW PROFILE, CERAMIC, PGA-70 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CDSO70
|
Data Device, Corp. Murata Manufacturing Co., Ltd. DATA DEVICE CORP
|
5962-9306501HYC 5962-9306501HYA 5962-9306515HXC 59 |
Precision, Quad, SPST Analog Switches Low-Voltage, Quad, SPDT, CMOS Analog SwitchReplaces MAX333A High-Voltage, Fault-Protected Analog Multiplexers 2.488Gbps/2.67Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier 3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis 3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯 Precision, Low-Voltage, SPST CMOS Analog Switch MIL-STD-1553/ARINC总线控制 RTU通讯 2.7Gbps Laser Driver with Modulation Compensation MIL-STD-1553/ARINC总线控制 RTU通讯
|
Richtek Technology, Corp. TE Connectivity, Ltd.
|
2561 CT2561 CT2561-FP |
CT2561BusController/RemoteTerminalandBUSMonitorFORMIL-STD-1553B CT2561 Bus Controller Remote Terminal and BUS Monitor FOR MIL-STD-1553B CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
|
Aeroflex Inc. AeroflexCircuitTechnology AEROFLEX[Aeroflex Circuit Technology]
|
ACT4436-DFI ACT4436-DF ACT4436 ACT4436-DI ACT4436- |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% 436双收发MIL-STD-1553/1760 ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760 436双收发MIL-STD-1553/1760
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
BU-61559D2-520 BU-61559D2-500 BU-61559D2-480S DATA |
2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CQIP78 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CDFP78
|
DATA DEVICE CORP
|
ACT4808 ACT4808D ACT4808DF ACT4808DFI ACT4808DI AC |
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553 ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818 A5690 A5232 A4905 & MIL-STD-1553 ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553 ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818/ A5690/ A5232/ A4905 & MIL-STD-1553 ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553 ACT4808双收发器MACAIR A3818,A5690,A5232,A4905
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|