PART |
Description |
Maker |
M27C400 6674 M27C400-80XF6TR M27C400-100B1TR M27C4 |
AML42 Series, Solid State Indicator, Square, Compact Style, Lighted, 1 LED, Snap in panel mount 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM From old datasheet system
|
Advanced Micro Devices, Inc. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27W400 M27W400-100B6TR M27W400-100F6TR M27W400-10 |
4 Mbit (512Kb x8 or 256Kb x16), Low Voltage UV EPROM and OTP EPROM 512K X 8 UVPROM, 100 ns, CDIP40 4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29W400DT45N1 M29W400DT45N6E M29W400DT55M1 M29W400 |
4 MBIT (512KB X8 OR 256KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M29W400BB90N6T M29W400BB90M1T M29W400BB55N1T |
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory 4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory 4兆位512KB的x856Kb的x16插槽,引导块低压单电源闪
|
STMicroelectronics N.V.
|
M29F400B M29F400T 5127 |
4 Mbit (512Kb x8 or 256Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicro
|
M29W400 M29W400B-100ZA1TR M29W400B-120ZA1TR M29W40 |
4 Mbit 512Kb x8 or 256Kb x16 / Boot Block Low Voltage Single Supply Flash Memory KPT 15C 14#20 1#16 PIN RECP RES 1 K OHM 1% 0805 KPT 2C 2#20 SKT PLUG KPTC 3C 3#20 PIN PLUG CAP .0056UF 250/275VAC ECQ-UL KPSE 10C 10#20 PIN RECP KPTC 3C 3#20 SKT PLUG 4兆位512KB的x856Kb的x16插槽,引导块低压单电源闪 4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory 4兆位512KB的x856Kb的x16插槽,引导块低压单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W832TE70ZA1T M36W832TE85ZA1T M36W832TE-ZAT M36W |
SPECIALTY MEMORY CIRCUIT, PBGA66 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
|
SGS Thomson Microelectronics NUMONYX 意法半导 ST Microelectronics
|
M28F420 |
4Mbit (512Kb x8 or 256Kb x16, Boot Block) Flash Memory(4Mb闪速存储器)
|
意法半导
|
M36W416TG85ZA1T M36W416TG70ZA6T M36W416TG-ZAT M36W |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product CANMS3470L16-23PL/C 16兆x16插槽,开机区块快闪记忆体Mbit的SRAM56Kb x16,内存产品多
|
意法半导 STMicroelectronics N.V.
|
M27W402-100K6 |
4 MBIT (256KB X16) LOW VOLTAGE OTP EPROM
|
ST Microelectronics
|
M28W800BT85N1T M28W800BT85N6T M28W800BT85ZB1T M28W |
8 Mbit 512Kb x16/ Boot Block 3V Supply Flash Memory 8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory 8 MBIT (512KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 8 Mbit 512Kb x16 Boot Block 3V Supply Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|