PART |
Description |
Maker |
AT25DF081-UUN-T AT25DF081-MHN-Y AT25DF081-MHN-T AT |
4 Mbit Uniform Sector, Serial Flash Memory 1M X 8 FLASH 1.8V PROM, PDSO8 8-megabit 1.65-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
MB84VA2100 MB84VA2101-10 MB84VA2101 MB84VA2100-10 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM (MB84VA2100 / MB84VA2101) 16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
UM6264 UM6264M-10 UM6264M-10L UM6264-12 UM6264-10 |
Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:64-BGA; Memory Configuration:64K x 8; Memory Size:32MB; NOR Flash Type:Page Mode Access 8K x 8 CMOS SRAM
|
United Microelectronics Corporation ETC UMC[UMC Corporation]
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
LE28F4001M LE28F4001R LE28F4001R-15 LE28F4001R-20 |
4MEG (524288words x 8bit) flash memory 4 MEG (524288 words x 8 bits) Flash Memory
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
EN29LV641H EN29LV641L EN29LV641L-70TCP EN29LV641L- |
64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
|
Eon Silicon Solution Inc.
|
LH28F002SCH LH28F002SCH-L LH28F002SCN-L12 LH28F002 |
2-MBIT (256KB x 8) smart voltage flash memory 2-MBIT(256KBx8) SmartVoltage Flash MEMORY 2-MBIT (256 KB x 8) SmartVoltage Flash Memory
|
Sharp Electrionic Components
|
HY29F080 HY29F080G12 HY29F080G70 HY29F080G90 HY29F |
8 Megabit (1M x 8)/ 5 Volt-only/ Flash Memory 8 Megabit (1M x 8), 5 Volt-only, Flash Memory IC,EEPROM,NOR FLASH,1MX8,CMOS,TSOP,40PIN,PLASTIC From old datasheet system
|
HYNIX[Hynix Semiconductor]
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
TC58FVB321XB-70 TC58FVXB-70 TC58FVT321XB-70 TC58FV |
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY 东芝马鞍山数字集成电路硅栅CMOS 32兆位米8 2米16位)的CMOS闪存 32-MBIT (4M 8 BITS / 2M 16 BITS) CMOS FLASH MEMORY 32-MBIT (4Mx8 BITS/2Mx16 BITS) CMOS FLASH MEMORY
|
Toshiba, Corp. Toshiba Corporation
|
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71 TRIMMER, 15 TURN 20K CONN HEADER 12POS DL PCB 30GOLD 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|