PART |
Description |
Maker |
PS2561-1-V PS2561-1 PS2561L-1-V-E4 PS2561-2-V-E4 P |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合 NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP
|
NEC, Corp. Duracell California Eastern Laboratories, Inc. NEC Electron Devices
|
CNY75AX CNY75BX CNY75BXG CNY75BXSM CNY75 CNY75C CN |
NPN-OUTPUT DC-INPUT OPTOCOUPLER OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT NPN-OUTPUTDC-INPUTOPTOCOUPLER
|
Electronic Theatre Controls, Inc. ETC[ETC] ISOCOM List of Unclassifed Manufacturers
|
FMS6501MSA28X FMS6501 FMS6501MSA28 |
12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
H11AV3XG |
NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合
|
Opto, Inc.
|
ILD74-X001 IL74-X001 |
NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合
|
Vishay Semiconductors
|
TCMT1105 TCMT1102 |
NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,3.75KV ISOLATION,SO
|
Vishay
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
BC141-6 BC140-6 Q60202-C230-S2 Q60202-C719 Q60203- |
NPN SILICON TRANSISTORS NPN硅三极管 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular
|
TE Connectivity, Ltd. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
2SC4399 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% 高频通用放大器应 High-Frequency General-Purpose Amp Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device Toshiba Semiconductor
|
BSS38 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts NPN SILICON TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|