PART |
Description |
Maker |
ADG511TQ4 ADG511ABR-REEL ADG511TQ ADG511ABR ADG511 |
44V; 30-100mA; CMOS precision quad SPST switch. For battery-powered intruments, single supply systems, remote powered equipment, 5V supply systems LC-2MOS Precision 5V/3V Quad SPST Switches ±5V, 30 Ohm, Quad SPST (4NC) Switch LC2MOS Precision 5 V/3 V Quad SPST Switches(138.50 k) LCMOS Precision 5 V/3 V Quad SPST Switches a LC2MOS Precision 5 V/3 V Quad SPST Switches
|
Analog Devices
|
ISL21060BFH620Z-TK ISL21060BFH625Z-TK ISL21060BFH6 |
Precision Reference with Disable Precision, Low Noise FGA Voltage References
|
Intersil Corporation
|
TYCOELECTRONICS-YR1B110RCC YR1B10K7CC 1773265 B392 |
Precision Resistor Precision Metal Film Fixed Resistors
|
Tyco Electronics
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
A3280EU A3281LH A3283UA-TL 3280 3281 3283 A3280LH |
CHOPPER-STABILIZED PRECISION HALL-EFFECT LATCHES Chopper-Stabilized, Precision Hall Effect Latch(斩波稳定,精密霍尔效应锁存器) 320 x 240 pixel format, CFL backlight available with power harness CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES 斩波稳定的,精密霍尔效应锁存 CHOPPER-STABILIZED/ PRECISION HALL-EFFECT LATCHES Chopper-stabilized,precision hall-effect latch
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
LT1389-5 LT1389-4.096 LT1389-2.5 LT1389-1.25 1389F |
Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Nanopower Precision Shunt Voltage Reference(毫微功率,精密分流电压基 From old datasheet system Micropower Precision Shunt Voltage Reference Nanopower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
MAX301 MAX301CJE MAX301CPE MAX301CSE MAX301EJE MAX |
Precision, Dual, High-Speed Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP16 Precision, Dual, High-Speed Analog Switches 精密,双路,高速模拟开 Precision / Dual / High-Speed Analog Switches 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters Precision Dual High-Speed Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ISL210070712 ISL21007 ISL21007BFB812Z ISL21007BFB8 |
Precision, Low Noise FGA?Voltage References Precision, Low Noise FGA?⒅oltage References Precision, Low Noise FGA⑩Voltage References Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
LT1014DSW LT1014AMJ LT1014IN |
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
|
Linear Technology
|
5962R9213902HZA 5962-9213902HZA |
Precision High-Voltage Reference in SOT23 型DC - DC电压转换 Precision, Single-Supply, SPST Analog Switches 型DC - DC电压转换
|
NEC, Corp.
|
NJU7231 NJU7231F28 NJU7231U52 NJU7231F26 NJU7231F2 |
3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 2.048-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 高精度的C - MOS三端稳压 High Precision C-MOS 3-Terminal Voltage Regulator
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio] http://
|