PART |
Description |
Maker |
SI-3003KWM |
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, SSO5 SI-3003KWM 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator 1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
|
Sanken Electric Co., Ltd. Allegro MicroSystems
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
SI-3002KWF |
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PZFM5
|
Allegro MicroSystems, Inc.
|
ISL6405ERZ-T ISL6405 ISL6405EEB ISL6405EEB-T ISL64 |
Regulator, Current Mode Boost PWM, Dual Output LNB Supply, with I2C Interface, Selectable output 13V or 18V @750mA Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
|
INTERSIL[Intersil Corporation]
|
HD74LV2G126AUSE HD74LV2G126A |
Dual Bus Buffer with 3-state Output Dual Bus Buffer with 3?tate Output Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
RENESAS[Renesas Electronics Corporation]
|
ADP1876-EVALZ ADP1876 |
600kHz Dual Output Synchronous Buck PWM Controller Plus Linear Regulator 600 kHz Dual Output Synchronous Buck
|
Analog Devices
|
AD7303 AD7303BRM AD7303BN AD7303BR |
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection 2.7 V to 5.5 V/ Serial Input/ Dual Voltage Output 8-Bit DAC
|
http:// Analog Devices, Inc.
|
MC10H21106 MC10H211FNG MC10H211FNR2 MC10H211FNR2G |
Dual 3-Input 3-Output NOR Gate; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 10H SERIES, DUAL 3-INPUT NOR GATE, PQCC20 Dual 3−Input 3−Output NOR Gate
|
ONSEMI[ON Semiconductor]
|
MAX8614 MAX8614BETD MAX8614A MAX8614AETD MAX8614B |
Dual-Output ( and -) DC-DC Dual-Output ( and -) Converters for CCD in 3mm x 3mm TDFN
|
MAXIM[Maxim Integrated Products]
|