Part Number Hot Search : 
LG12864 01070 DETF09 4728A BC414B 100D12N2 TS79L09 LV138
Product Description
Full Text Search

BA00BC0WF -    LDO Regulator With Shutdown Circuit Regulator LSIs > Variable output low drop-out regulator

BA00BC0WF_39770.PDF Datasheet

 
Part No. BA00BC0WF
Description    LDO Regulator With Shutdown Circuit
Regulator LSIs > Variable output low drop-out regulator

File Size 123.95K  /  2 Page  

Maker


ROHM[Rohm]



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: BA00BC0WF-E2
Maker: Rohm Semiconductor
Pack: ETC
Stock: Reserved
Unit price for :
    50: $0.00
  100: $0.00
1000: $0.00

Email: oulindz@gmail.com

Contact us

Homepage http://www.rohm.com/
Download [ ]
[ BA00BC0WF Datasheet PDF Downlaod from Datasheet.HK ]
[BA00BC0WF Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for BA00BC0WF ]

[ Price & Availability of BA00BC0WF by FindChips.com ]

 Full text search :    LDO Regulator With Shutdown Circuit Regulator LSIs > Variable output low drop-out regulator


 Related Part Number
PART Description Maker
WEJ78L08-SOT-32-L Three-terminal positive voltage regulato
SHENZHEN YONGERJIA INDUSTRY CO.,LTD
S5J1118 1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
SeCoS Halbleitertechnologie GmbH
SSC1118 1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
SeCoS Halbleitertechnologie GmbH
S5M1119 0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
SeCoS Halbleitertechnologie GmbH
LR8558-32PRM LR8558-32PRN LR8558-32PSB LR8558-32PS Low noise, fast response 500mA LDO regulato
Leshan Radio Company
BD9853AFV Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
Rohm
LD2985AM47R LD2985BM50R LD2985AM33R LD2985BM33R LD ERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION
ST Microelectronics
LD2982BM47R LD2982AM47R LD2982BM50R LD2982BM25R LD VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION
ST Microelectronics
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3
3-pin Low Power Loss Voltage Regulato r(100mA Type)
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation
Series 3-Pin Low Power Loss Voltage Regulator
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation
3-pin Low Power Loss Voltage Regulato (100mA Type)
Panasonic, Corp.
Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
SI-3011ZF High-Current, Low-Dropout, 1.1~5 V Regulato
HIgh-Current, Low-Dropout, 1.1~5V Regulator
ALLEGRO[Allegro MicroSystems]
 
 Related keyword From Full Text Search System
BA00BC0WF power suppiy BA00BC0WF Ultra BA00BC0WF pin BA00BC0WF regulator BA00BC0WF Dropout
BA00BC0WF Step BA00BC0WF eeprom pdf BA00BC0WF series BA00BC0WF Dual BA00BC0WF Marin
 

 

Price & Availability of BA00BC0WF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.3888897895813