PART |
Description |
Maker |
AN8725FH |
Semiconductor laser power control IC
|
PANASONIC[Panasonic Semiconductor]
|
LNC801PS |
High Power Output Semiconductor Laser
|
PANASONIC[Panasonic Semiconductor]
|
LNC803PS |
High Power Output Semiconductor Laser
|
PANASONIC[Panasonic Semiconductor]
|
LNC802PS |
GaAlAs Semiconductor Laser
|
PANASONIC[Panasonic Semiconductor]
|
LNCQ03PS |
Red Light Semiconductor Laser
|
PANASONIC[Panasonic Semiconductor]
|
2N6796LCC4 |
N-Channel Power MOSFET(Vdss00VId(cont).4A,Rds(on).18ΩN沟道功率型MOS场效应管(Vdss00VId(cont).4A,Rds(on).18Ω
|
SEME-LAB[Seme LAB]
|
5962-9233803MRX 5962-9233803MSX 5962-9233803MXX 59 |
Multirate Laser Driver with Extinction Ratio Control 155Mbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs 622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown 2.7Gbps, Low-Power SFP Laser Drivers 保险丝,可编程的PLD
|
限幅放大
|
STV-376-E01 STV-376-E02 STV-376-E03 |
Ultra-low power laser motion sensor for laser mouse applications
|
STMicroelectronics
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
MS20 |
MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
|
AVX Corporation
|
ML725AA11F ML725B11F ML725J11F ML720L11S ML720AA11 |
1310 nm, LASER DIODE MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES 三菱激光二极管InGaAsP的DFB激光器
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|