PART |
Description |
Maker |
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NJU3711 NJU3711D NJU3711M NJU3711V NJU3711MTE1 |
8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-BIT SERIAL TO PARALLEL CONVERTER 8 bit Serial to Parallel Converter
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
MC100E446FN MC100E446FNG MC100E446FNR2 MC100E446FN |
5V ECL 4-Bit Parallel/Serial Converter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 100E SERIES, 4-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|
HI-8684PST-10 HI-8683 HI-8683PJI HI-8683PJT HI-868 |
ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN (HI-8683 / HI-8684) ARINC INTERFACE DEVICE ARINC 429 & 561 SERIAL DATA TO 8-BIT PARALLEL DATA ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA System component for interfacing incoming ARINC 429 signals to 8-bit parallel data
|
http:// HOLTIC[Holt Integrated Circuits] HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuit...
|
MAX1271ACAI-T MAX12528ETKTD MAX19507 MAX1267AEEG-T |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 Dual, 80Msps, 12-Bit, IF/Baseband ADC DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 双通道位130Msps ADC 双通道位130Msps ADC 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
MAX1662 MAX1663 MAX1661-MAX1663 MAX1661 MAX1661EUB |
TRIPLE MOSFET DRIVER|BICMOS|TSSOP|10PIN|PLASTIC SWITCHING CONTROLLER, PDSO10 Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface Serial to Parallel Parallel to Serial Converters and Load Switch Controllers with SMBus Interface Serial-parallel/parallel-to-serial converter and load-switch controller with SMBus interface
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
BU2092F BU2090 BU2090F BU2092FV BU2090FS BU2090A/A |
12-bit/ serial IN/ parallel OUT driver Standard LSIs 12-bit Serial in, Parallel Out Driver IC(12位串入并出驱动芯
|
Rohm CO.,LTD.
|
74F675A_00 74F675A 74F675APC 74F675ASC 74F675ASPC |
16-Bit Serial-In, Serial/Parallel-Out Shift Register From old datasheet system 16-Bit Serial-In Serial/Parallel-Out Shift Register
|
FAIRCHILD[Fairchild Semiconductor]
|
74HC164 MM74HC164MXNL MM74HC164MTCXNL MM74HC164MX |
Zener Diode 225 mW 16 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-in/Parallel-out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
74HC595D 74HC595DB 74HC595N 74HC595PW |
8-bit serial-in/serial or parallel-out shift register with output latches 3-state
|
Philips
|