PART |
Description |
Maker |
3-1318118-6 |
Dynamic Series Connectors; DYNAMIC D-2100 REC HSG 12P Z ( Tyco Electronics )
|
Tyco Electronics
|
2-1939028-3 |
Dynamic Series Connectors; DYNAMIC 1200D REC HSG 6P Y NATURAL ( Tyco Electronics )
|
Tyco Electronics
|
HYB514400BJ-BT60 Q67100-Q749 Q67100-Q750 Q67100-Q7 |
1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 70 ns, PDSO20 1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 80 ns, PDSO20 RES 121-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA
|
SIEMENS AG Siemens Semiconductor G...
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|
IC41C16105S IC41LV16105S IC41C16105S-50K IC41C1610 |
DYNAMIC RAM, FPM DRAM 1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
|
ICSI[Integrated Circuit Solution Inc]
|
1-1827876-0 2-1827876-4 1-1827876-2 2-1827876-6 2- |
THIS DRAWING IS A CONTROLLED DOCUMENT. DYNAMIC D1200D 2.5mm PITCH HDR ASSY DYNAMIC DI200D 2.5mmPITCH HDR ASSY (H-TYPE)
|
TE Connectivity Ltd Tyco Electronics
|
Q67100-Q527 Q67100-Q1056 Q67100-Q519 Q67100-Q518 Q |
1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1个M × 1位动态随机存储器的低功个M位动态随机存储器 1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1 M x 1-Bit Dynamic RAM Low Power 1 M ′ 1-Bit Dynamic RAM
|
SIEMENS AG Siemens Semiconductor Group
|
HYB5116400BJ-50- Q67100-Q1049 Q67100-Q1051 HYB5116 |
4M x 4-Bit Dynamic RAM 4M X 4 FAST PAGE DRAM, 70 ns, PDSO24 4M x 4-Bit Dynamic RAM 4米4位动态随机存储器
|
http:// SIEMENS AG
|
HYB514400BJL-70 HYB514400BJL-60 HYB514400BJL-50 HY |
1 048 576 x 4-Bit Dynamic RAM 4 194 304 x 1-Bit Dynamic RAM
|
Infineon
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|