PART |
Description |
Maker |
Z85C30 |
The Zilog SCC Serial Communication Controller
|
Zilog, Inc.
|
PEB20534-H-10V2.0 PEB20534-H-52V2.0 |
DSCC4 (DMA Supported Serial Communica...
|
Infineon
|
Z86E4016PSG Z85C3008VSG Z85C3010VEG Z85C3008PEG Z8 |
Z8 4K OTP MICROCONTROLLER CMOS SCC Serial Communications Controller
|
Zilog, Inc.
|
Z8FS040AHJ20EG Z8FS040ASB20EG Z8FS040BHH20EG Z8FS0 |
ZMOTION Detection and Control Family Featuring Zilog’s PIR Technology
|
Zilog, Inc.
|
1109477-P 1109477 |
64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
|
Aries Electronics, Inc.
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PUMA2X0214I-9035 PUMA2X0214I-9045 PUMA2X0214I-9055 |
10MS, DIE, 1.8V, 9 MIL THICKNESS(SERIAL EE) 10MS, 8 SOIC, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 SOIC, EXT TEMP, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) SRAM/EPROM 静态存储器/存储 8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 静态存储器/存储 10MS, 8 TSSOP, EXT TEMP, GREEN,2.7V(SERIAL EE) 静态存储器/存储 10MS, 8 SOIC, INT TEMP, GREEN, 1.8V(SERIAL EE) 静态存储器/存储
|
Electronic Theatre Controls, Inc. HIROSE ELECTRIC Co., Ltd. Maxim Integrated Products, Inc.
|
NEPORT1 NECHIP |
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
|
List of Unclassifed Manufacturers ETC
|
NM25C020 NM25C020LVMT8 NM25C020LVM8 NM25C020VM8X N |
SPI Serial EEPROM 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
NM24C05 NM24C04 NM24C04LM8 NM24C04M8 NM24C04LEM8 N |
I2C Serial EEPROM 4K X 1 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 1 I2C/2-WIRE SERIAL EEPROM, PDIP8 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
|