PART |
Description |
Maker |
UB264B UB264BG-P08-R UB264BL-P08-R |
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
|
Unisonic Technologies
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
AT24C1024B08 AT24C1024B-W-11 AT24C1024BN-SH-B AT24 |
Two-wire Serial EEPROM 1M (131,072 x 8) 8-TSSOP, PB/HALO FREE,NiPdAu, 2.5V(SERIAL EE) 128K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8-dBGA2, PB/HALO FREE,1.8V(SERIAL EE)
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT24C03TDI-GT3 CAT24C03TDI-T3 CAT24C05LI-T3 CAT24 |
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection 2 kb I<sup>2</sup>C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
X34120B1B1 X3420Z1B1 Y2140Z1B1 X3740B1B1 X2140B1B1 |
8 TSSOP, AUTO GRADE, 2.7(SERIAL EE) 单相 3 Phase Bridge 3相桥 10MS, TSSOP, INT TEMP, GREEN, 2.7V(SERIAL EE) 单相 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 单相 Single Phase Bridge 单相 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 3相桥 8-THIN MINI MAP, PB/HALO FREE, 1.8(SERIAL EE) 8 SOIC, PB/HALO FREE, 1.8V(SERIAL EE)
|
Central Semiconductor, Corp. Optoway Technology, Inc. Honeywell International, Inc. Microsemi, Corp. Renesas Electronics, Corp.
|
M24512-WBN6 M24512-WBN6T M24512-WMW6T MM24512-WBN6 |
512 Kbit Serial I??Bus EEPROM 512 Kbit Serial IBus EEPROM 512千位串行I眷总线的EEPROM CAP 3300UF 50V ELECT SMG RAD 512 Kbit Serial I? Bus EEPROM 512 Kbit Serial IC Bus EEPROM 512 Kbit Serial I裁 Bus EEPROM 512 KBIT SERIAL I²C BUS EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT24C512BW-SH-B AT24C512BW-SH-T AT24C512B AT24C512 |
8-TSSOP, PB/HALO FREE,NIPDAU LF, 1.8V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 TSSOP, PB/HALO FREE, 2.5V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 PDIP, PB/HALO FREE, 2.5V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 8 EIAJ,PB/HALO FREE,1.8V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM 512K (65,536 x 8)
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
AT24C16B09 AT24C16BN-SH-T AT24C16BY6-YH-T AT24C16B |
DIE SALE, 11 MILS, 1.8V(SERIAL EE) 2M X 8 I2C/2-WIRE SERIAL EEPROM, UUC Two-wire Serial EEPROM
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|
X24C45 X24C45P X24C45PI X24C45PM X24C45S X24C45SI |
Serial AUTOSTORENOVRAM Serial AUTOSTORE NOVRAM Serial AUTOSTORE⑩ NOVRAM
|
XICOR[Xicor Inc.]
|