PART |
Description |
Maker |
TSC51C1XXX-12IB TSC51C1XXX-A12IB TSC51C1XXX-A16IB |
IC FLEX 10K FPGA 20K 144-TQFP IC FLEX 10KV FPGA 50K 356-BGA IC MAX 7000 CPLD 64 68-PLCC IC FLEX 10KV FPGA 50K 240-PQFP IC FLEX 10KE FPGA 50K 240-PQFP IC FLEX 10K FPGA 50K 240-RQFP IC FLEX 10KA FPGA 30K 208-PQFP IC FLEX 10KS FPGA 50K 240-PQFP IC MAX 7000 CPLD 64 84-PLCC IC FLEX 10K FPGA 40K 208-RQFP IC MAX 7000 CPLD 32 44-PLCC IC MAX 7000 CPLD 64 100-TQFP IC FLEX 10K FPGA 30K 208-RQFP 8-BIT MICROCONTROLLER 8位微控制 IC FLEX 10KA FPGA 30K 240-PQFP 8位微控制
|
Marvell Semiconductor, Inc. STMicroelectronics N.V.
|
Z0103MA1AA2 Z0103MA2AL2 Z0103MA5AA4 Z0103MN Z0103M |
IC FLEX 10K FPGA 40K 208-RQFP 1A TRIACS
|
STMicroelectronics ST Microelectronics
|
AT40K-FFT AT40K05LV AT40K20 AT40K20LV AT40K40 AT40 |
AT40K-FFT [Updated 8/98. 8 Pages] Fast fourier transform Intellectual Property Core for AT40K FPGAs From old datasheet system 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam. 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 40K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V)
|
Atmel Corp
|
EPM9560ARC208-10N EPM9560ARI208-10 EPM9560ARI208-1 |
EE PLD, 11.4 ns, PQFP208 POWER, RQFP-208 EE PLD, 16 ns, CPGA280 PGA-280 EE PLD, 23.6 ns, PQFP240 POWER, RQFP-240
|
Altera International Limited
|
YG835C04R |
MAX 7000 CPLD 256 MC 208-RQFP 肖特基二极管 SCHOTTKY BARRIER DIODE
|
Fuji Electric Holdings Co., Ltd. ETC List of Unclassifed Manufacturers
|
YG832C04R |
SCHOTTKY BARRIER DIODE MAX 7000 CPLD 256 MC 208-RQFP 肖特基二极管
|
Fuji Electric Electronic Theatre Controls, Inc.
|
OSD15-5ST ST1MLAR ST1MLBR SP7L PTR1F CGP1.0 |
Optoelectronic 光电 MCU CMOS 8LD .5K EPRM, 0C to 70C, 8-SOIC 150mil, TUBE 光电 FPGA, FLEX 6000, 16K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6016; Logic IC function:EPF6016A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:16000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP From old datasheet system Optoelectronic - Datasheet Reference
|
Zarlink Semiconductor, Inc. NXP Semiconductors N.V. Centronic Inc, E-O Div
|
LFXP15C-3FN484I LFXP3E-4QN208C LFXP3E-3T100C LFXP3 |
FPGA, 1932 CLBS, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 1932 CLBS, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 1216 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 1932 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 384 CLBS, PQFP100 14 X 14 MM, TQFP-100 FPGA, 384 CLBS, PQFP100 14 X 14 MM, LEAD FREE, TQFP-100 FPGA, 2464 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 2464 CLBS, PBGA256 17 X 17 MM, FPBGA-256 FPGA, 2464 CLBS, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 720 CLBS, PQFP208 28 X 28 MM, PLASTIC, LEAD FREE, PQFP-208 FPGA, 720 CLBS, PQFP144 20 X 20 MM, LEAD FREE, TQFP-144 FPGA, 720 CLBS, PQFP208 28 X 28 MM, PLASTIC, PQFP-208 FPGA, 720 CLBS, PBGA256 17 X 17 MM, FPBGA-256 FPGA, 720 CLBS, PQFP144 20 X 20 MM, TQFP-144 FPGA, 720 CLBS, PBGA256 17 X 17 MM, LEAD FREE, FPBGA-256 FPGA, 1216 CLBS, PBGA388 23 X 23 MM, LEAD FREE, FPBGA-388 FPGA, 2464 CLBS, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 384 CLBS, PQFP208 28 X 28 MM, PLASTIC, PQFP-208 FPGA, 2464 CLBS, PBGA388 23 X 23 MM, LEAD FREE, FPBGA-388 FPGA, 1932 CLBS, PBGA256 FPGA, 1216 CLBS, PBGA256
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
TSA5511TD |
IC ACEX 1K FPGA 10K 256-FBGA I2C总线频率合成
|
NXP Semiconductors N.V.
|
LFE2-12SE-5QN208I LFE2-50SE-5FN672C |
FPGA, 311 MHz, PQFP208 28 X 28 MM, LEAD FREE, PLASTIC, QFP-208 FPGA, 311 MHz, PBGA672 27 X 27 MM, LEAD FREE, FPBGA-672
|
Lattice Semiconductor, Corp.
|
XC3330A-6PQ100C XC3390A-3PQ208C XC3330L-8PC44I XC3 |
FPGA, PQFP100 FPGA, PQFP208 FPGA, PQCC44 FPGA, PQFP64
|
XILINX INC
|
|