PART |
Description |
Maker |
MC74LVQ08 MC74LVQ08D MC74LVQ08DT MC74LVQ08M MC74LV |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source only 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 2-INPUT AND GATE, PDSO14 LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
APX321SEG-7 APX358SG-13 APX358M8G-13 APX324TSG-13 |
Low Voltage, Rail-to-Rail Input and Output Dual Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Quad Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO5
|
Diodes Incorporated
|
74LCX00M 74LCX00MTR 74LCX00TTR |
QUAD CMOS 2-INPUT NAND GATE WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS 低电压CMOS Quad使用5V容限输入2输入与非
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
74LCX02 74LCX02M 74LCX02MTC 74LCX02SJ |
Low Voltage Quad 2-Input NOR Gate
|
Fairchild Semiconductor
|
74LVQ157SJX |
Low Voltage Quad 2-Input Multiplexer
|
Fairchild Semiconductor
|
74LVX157M 74LVX157SJ 74LVX157 74LVX157MTC |
Low Voltage Quad 2-Input Multiplexer
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX00 MC74LCX00D MC74LCX00DT MC74LCX00M MC74LC |
0.8 to 1.8 V 12-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14 1.2 to 5.5 V 12-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 From old datasheet system Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
|
Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
DM54LS00J/883C 54LS00DMQB |
Quad 2-input NAND Gate Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 输入与非
|
Sanyo Electric Co., Ltd.
|