PART |
Description |
Maker |
SP3232ECA-L SP3232EEA-L SP3232EEN-L SP3232EEY-L |
True 3.0V to 5.5V RS-232 Transceivers Meets true EIA/TIA-232-F Standards
|
Exar Corporation
|
MAX3222 MAX3222CAP MAX3222CPN MAX3222CUP MAX3222CW |
3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors 3.0V to 5.5V Low-Power up to 1Mbps True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1レF External Capacitors 3.0V to 5.5V / Low-Power / up to 1Mbps / True RS-232 Transceivers Using Four 0.1F External Capacitors DUAL LINE TRANSCEIVER, PDSO20
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX3220ACAP MAX3220AEAP MAX3220BCAP MAX3220BEAP MA |
3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 4.25V. 3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 2.85V. 3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 4.63V. 3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 3.08V.
|
MAXIM - Dallas Semiconductor
|
SP3222EB SP3222EBCA SP3222EBCP SP3222EBCT SP3222EB |
True +3.0V to +5.5V RS-232 Transceivers
|
Sipex Corporation
|
SP3222 SP3222CA SP3222CP SP3222CT SP3222CY SP3222E |
True 3.0V to 5.5V RS-232 Transceivers
|
SIPEX[Sipex Corporation]
|
SP385E-1CA-L SP385E-1CA-L/TR SP385E-1CA/TR SP385E- |
True 3V or 5V RS-232 Line Driver/Receiver
|
Sipex Corporation
|
MAX3238CAI-T |
3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX3232ECUE MAX3241ECTJ MAX3232EEUE |
【15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products
|
MAX3222CAPG1Z |
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors
|
MAXIM - Dallas Semiconductor
|