PART |
Description |
Maker |
MAX3238CAI MAX3238EAI MAX3238 |
3.0V to 5.5V / 1A / up to 250kbps / True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus? 3.0V to 5.5V, 1A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, 1レA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus⑩
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MAX3232 |
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1渭F External Capacitors(3V~5.5V,?抽??瑰?涓???跺????,120kbps锛?S-232?跺???
|
Maxim Integrated Products, Inc.
|
MAX218 MAX218CAP MAX218CPP MAX218CWP MAX218EAP MAX |
From old datasheet system 1.8V to 4.25V-Powered, True RS-232 Dual Transceiver 1.8V to 4.25V Powered, True RS-232 Dual Transceiver 1.8V to 4.25V-Powered / True RS-232 Dual Transceiver
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MAX3220ACAP MAX3220AEAP MAX3220BCAP MAX3220BEAP MA |
3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 4.25V. 3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 2.85V. 3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 4.63V. 3V to 5.5V, up to 250kbps true RS-232 transceiver with 4microA autoshutdown plus and power-on reset. Reset threshold 3.08V.
|
MAXIM - Dallas Semiconductor
|
5962-9205406HXA 5962-9205406HXC 5962-9205402HXC |
Converter 1µA, 1.8V to 4.25V RS-232 Transceiver with AutoShutdown™ 2.7V to 3.6V Powered, 1µA Supply Current, 3-Driver/5-Receiver, True RS-232 Transceiver 转换
|
TE Connectivity, Ltd.
|
SP3222EBEY-L SP3222EBEY-L/TR SP3222EBCY-L SP3222EB |
True 3.0V to 5.5V RS-232 Transceivers
|
Sipex Corporation
|
SP3232EEY_TR SP3222 SP3222E SP3222ECA SP3222ECA_TR |
True 3.0V to 5.5V RS-232 Transceivers
|
SIPEX[Sipex Corporation]
|
SP3232EBCA_TR SP3232EBCY_TR SP3232EBCN_TR SP3232EB |
TRUE 3.0V TO 5.5V RS-232 TRANSCEIVERS
|
SIPEX[Sipex Corporation]
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
5962-9215201HXX |
1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 电压反馈运算放大
|
Avago Technologies, Ltd.
|
MAX3221 |
1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown(3V~5.5V,自动关闭方式接收器有120kbps,RS-232收发
|
Maxim Integrated Products, Inc.
|
2SD2098 |
NPN Silicon Epitaxial Planar Tra nsistor
|
SeCoS Halbleitertechnologie GmbH
|