PART |
Description |
Maker |
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
ZVN4206AV |
N-channel MOSFET N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET MOSFET N-CH 60V 600MA TO-92 600 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
FDB2572 FDP2572 FDB2572NL |
N-Channel PowerTrench MOSFET 150V, 29A, 54mз 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 150V N-Channel UltraFET Trench MOSFET 29A, 0.056 Ohms @ VGS = 10V, TO-263/D2PAK Package 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 150V/ 29A/ 54m N-Channel PowerTrench MOSFET 150V, 29A, 54m蟹 N-Channel PowerTrench MOSFET 150V, 29A, 54m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDN342P |
P-Channel 2.5V Specified PowerTrench MOSFET TRANSISTOR|MOSFET|P-CHANNEL|20VV(BR)DSS|2AI(D)|TO-236AB
P-Channel 2.5V Specified PowerTrench⑩ MOSFET
|
Fairchild Semiconductor
|
ZXM64P035G ZXM64P035GTA ZXM64P035GTC |
P-channel MOSFET 35V P-CHANNEL ENHANCEMENT MODE MOSFET 3800 mA, 35 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
IRFP040 IRF9622 IRF9612 IRFP362 IRFP343 |
TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 8.4A I(D) | TO-247AC TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 1.5A I(D) | TO-220AB 晶体管| MOSFET的| P通道| 200伏五(巴西)直| 1.5AI(四)| TO - 220AB现有 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 20A I(D) | TO-247 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 900MA I(D) | TO-220AB TRANSISTOR|MOSFET|P-CHANNEL|200VV(BR)DSS|1.5AI(D)|TO-220AB
TRANSISTOR|MOSFET|N-CHANNEL|50VV(BR)DSS|40AI(D)|TO-247AC
|
International Rectifier, Corp.
|
FQU5N40 FQD5N40 FQD5N40TF FQD5N40TM |
400V N-Channel QFET 400V N-Channel MOSFET 400V N-Channel MOSFET(漏源电压00V、漏电流.4A的N沟道增强型MOS场效应管) 3.4 A, 400 V, 1.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDN302 FDN302P FDN302PNL FDN302PL99Z |
CAP CER 2.2UF 16V 10% X5R 1206 2400 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET P-Channel 2.5V Specified PowerTrench MOSFET P-Channel 2.5V Specified PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
|