PART |
Description |
Maker |
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
BU4844 BU4848 BU4843 BU4842 BU4846 BU4824 BU4822 B |
Low Voltage Standard CMOS Voltage Detector IC Series
|
ROHM
|
10EZ91 10EZ10 10EZ100 10EZ11 10EZ12 10EZ13 10EZ14 |
Silicon 10 WATT Zener Diodes 25 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 125-250 @ 10mA, 10V Optocoupler 45 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 30 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 19 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 70-210 @ 10mA, 10V Optocoupler 50 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 100 min @ 10mA, 10V Optocoupler 51 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 22 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 6 Pin, DIP, Photodarlington Detector w/ Base CTR 100 min @ 10mA, 5V Optocoupler 14 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 4.7 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 4.3 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 3.9 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 7.5 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 9.1 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 8.2 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 6.8 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 5.1 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 5.6 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 6.2 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 16 Pin, DIP, Quad Phototransistor Detector, BVCEO 35V, CTR 50-600 @ 5mA, 5V Optocoupler Zener Voltage Regulator Diode 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 20 min @ 10mA, 5V Optocoupler 62 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB
|
MICROSEMI CORP-SCOTTSDALE Renesas Electronics, Corp. Microsemi, Corp. 齐纳二极 MICROSEMI[Microsemi Corporation]
|
BU4914FVE BU4917FVE BU4945FVE BU4909FVE BU4910FVE |
Low Voltage Detector IC
|
ROHM[Rohm]
|
BU4819F BU4834F |
Low Voltage Detector IC
|
Rohm
|
RH5VT09A RH5VT09A-RF RH5VT09A-RR RH5VT09A-T1 |
LOW VOLTAGE DETECTOR
|
RICOH electronics devices division
|
R3116Q351C R3116K361C R3116K361A R3116K071A R3116Q |
0.8% Low Voltage Detector
|
RICOH
|
ACE302 |
Low Voltage Detector
|
ACE Technology
|
FX631D5 FX631DW FX631P FX631 |
Low-Voltage SPM Detector
|
CMLMICRO[CML Microcircuits]
|
KIA7042AP |
Active Low Voltage Detector
|
KEC
|
|