PART |
Description |
Maker |
PS2801 PS2801-1 PS2801-1-F3 PS2801-1-F4 PS2801-4 P |
High Isolation Volatage photocoupler(高隔离电压光光隔离器) HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
LH1521A LH1521 |
HIGH VOLATAGE, PHOTO MOS RELAY 高VOLATAGE,图片马鞍山继电
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Global Components & Controls
|
PS2705-1 PS2705-1-V PS2705-2 PS2705-2-V PS2705-4 P |
Photocoupler 光耦合 HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER NPN-OUTPUT AC-INPUT OPTOCOUPLER,4-CHANNEL,2.5KV ISOLATION,SO
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS2561L1-1-V PS2561-2 PS2561-2-V PS2561L-1- PS2561 |
High Isolation Voltage Single Transistor Type photocoupler(高隔离电压晶体管输出光电隔离 高隔离电压单晶体管类型光耦合器(高隔离电压晶体管输出光电隔离器) High Isolation Voltage Single Transistor Type Photocoupler(高隔离电压晶体管输出光光隔离器) 高隔离电压单管式光电耦合器(高隔离电压晶体管输出光光隔离器 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MGA-565P8 DEMO-MGA-565P8 |
High Isolation Buffer Amplifier 20 dBm Psat High Isolation Buffer Amplifier
|
AVAGO TECHNOLOGIES LIMI... Broadcom Corporation.
|
BAR64-02L BAR64-02V BAR64-04T BAR64 BAR64-04 BAR64 |
PIN Diodes - RF Switch (High isolation) in ultra-small SC79 Package PIN Diodes - Diode for RX/TX Switches PIN Diodes - PIN Diode for RF switches (high isolation) RESISTOR; THK FILM CHIP, 500/200/500PPM/C UP TO 10/1M/10M CR1206 120 OHM Silicon PIN Diode 硅PIN二极
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
PS2533L-1-F3 PS2533L-1-V-F3 PS2533-1 PS2533-1-V |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
|
Renesas Electronics Corporation
|
ISO120G |
ISOLATION AMPLIFIER, 1500 V ISOLATION-MIN, 60 kHz BAND WIDTH, CDIP16
|
|
ISL54066IRUZ-T ISL54066IRZ ISL54066IRZ-T |
Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch 1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch with Negative Signal Capability; Temperature Range: -40°C to 85°C; Package: 10-uTQFN T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC10
|
Intersil Corporation Intersil, Corp.
|