PART |
Description |
Maker |
PI74LPT2Q245 |
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT74FCT162245CT IDT74FCT162245T IDT54FCT162245CT |
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
|
IDT
|
PI74LCX245 |
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
|
PERICOM[Pericom Semiconductor Corporation]
|
PI74LPT16245VE PI74LPT16245AAE PI74LPT16245AE PI74 |
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
|
Pericom Semiconductor Corporation
|
PI74FCT162374T PI74FCT162H374T PI74FCT16374T PI74F |
FCT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Fast CMOS 16-Bit Registers (3-State) Fast CMOS 16-bit register (3-state)
|
PERICOM[Pericom Semiconductor Corporation] ETC Pericom Technology
|
PI74FCT245T PI74FCT2245T PI74FCT640T PI74FCT645T P |
Fast CMOS Octal Bidirectional Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
54FCT2245AT 54FCT2245T |
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
|
Integrated Device Technology
|
CD40116 |
CMOS High Speed 8-Bit Bidirectional CMOS/TTL Interface Level Converter
|
RCA Solid State
|
IDT74FCT163245CPV IDT74FCT163245PV IDT74FCT163245 |
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74FCT162H272CTPA IDT74FCT162H272CTPAB IDT74FCT1 |
FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, CDFP56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, PDSO56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER 快速CMOS 12位同步总线交换 CAP 47UF 6V 10% TANT SMD-7343-31 TR-7-PL SN100% LOWESR-220 CAP 4.7UF 35V 20% TANT SMD-7343-31 TR-7-PL SN/PB5% LOWESR-700
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
5962H0254301QXA 5962H0254301QXC 5962H0254301VXA 59 |
RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish solder. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish gold. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish gold. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver. CMOS compatible I/O level. Lead finish solder. RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 3E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 5E5 rad(Si).
|
Aeroflex Circuit Technology
|
MB814100C-60 MB814100C-70 |
CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1 位快速页面存取模式动态RAM) CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1位快速页面存取模式动态RAM)
|
Fujitsu Limited
|