PART |
Description |
Maker |
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
P4SMA75A P4SMA7.5CA P4SMA8.2A P4SMA480CA P4SMA7.5A |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 Single Output LDO, 250mA, Adj.(1.22 to 5.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
http:// Won-Top Electronics Co., Ltd. Littelfuse, Inc.
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
NX8571SC79 NX8571SC61 NX8571SC6087D-BA NX8571SC307 |
Enclosures; External Height:1.58"; External Width:22.91"; Panel Width:19.00"; Enclosure Color:Black; Enclosure Material:Steel Single Output LDO, 150mA, Adj.(1.5 to 5.5V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 DIODE ZENER SINGLE 200mW 43Vz 5mA-Izt 0.02 0.05uA-Ir 33 SOD-323 3K/REEL Single Output LDO, 150mA, Fixed(5.0V), Fast Transient Response, SVS 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 100mA, Fixed(2.7V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 CONNECTOR ACCESSORY 连接器附 PT06A SERIES (MS3116) STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 12 SHELL SIZE, 12-3 INSERT ARRANGEMENT, PLUG GENDER, 3 CONTACTS 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 OSCILLATORS 100PPM -20 70 3.3V 4 24.576MHZ TS HCMOS 5X7MM 4PAD SMD 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 150mA, Fixed(2.8V), Fast Transient Response, SVS 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 50mA, Adj.(1.2 to 5.5V), Low Quiescent Current 5-SOT-23 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 EMI Filter; Filter Type:Standard; Current Rating:6A; Voltage Rating:250V; Depth:100mm; Height:23.6mm; Series:MB; Weight:190g; Width:47mm RoHS Compliant: Yes 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 150mA, Fixed(3.3V),Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 50mA, Fixed(3.3V), Low Quiescent Current 5-SOT-23 -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 150mA, Fixed(1.8V), Fast Transient Response, SVS 8-MSOP -40 to 125 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 RECTIFIER SCHOTTKY SINGLE 1A 15V 5.5A-Ifsm 0.55Vf 0.05A-IR SOD-323 3K/REEL 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR 1550连续光源波长InGaAsP多量子阱激光器激光二极管模块波长显示 97-3106A24-5P W/ CABLE CLAMP PTCE 4C 4#20 PIN PLUG Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-39 Automotive Catalog Ultralow-Power 100-mA Low-Dropout Linear Regulator 5-SOT-23 -40 to 125 Single Output LDO, 150mA, Fixed(5.0V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 Single Output LDO, 100mA, Fixed(5.0V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 100mA, Fixed(3.3V), Low Quiescent Current, Over Current Limitation 5-SOT-23 PTSE 14C 8#20,4#16 SKT PLUG SLIDING SHLF,VENT 22x26.5 PTSE 18C 18#20 PIN RECP Single Output LDO, 150mA, Fixed(1.8V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 Single Output LDO, 50mA, Fixed(5.0V), Low Quiescent Current 5-SOT-23 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current 5-SOT-23 Single Output LDO, 150mA, Fixed(2.7V), Fast Transient Response, Power Good (PG) Output, SVS 8-MSOP -40 to 125 CONVERTER DC-DC 10W 12V/12V SGL CONVERTER DC-DC 6W 48V/5V SGL Single Output LDO, 150mA, Fixed(1.5V), Fast Transient Response, Power Good(PG) Output 8-MSOP -40 to 125 Single Output LDO, 50mA, Fixed(2.7V), Low Quiescent Current 5-SOT-23 EMI Filter; Filter Type:Standard; Current Rating:10A; Voltage Rating:250V; Depth:107mm; Height:26mm; Series:MB; Weight:220g; Width:47mm RoHS Compliant: Yes Single Output LDO, 50mA, Fixed(2.8V), Low Quiescent Current 5-SOT-23 Single Output LDO, 50mA, Fixed(1.5V), Low Quiescent Current 5-SOT-23 Single Output LDO, 50mA, Fixed(1.8V), Low Quiescent Current 5-SOT-23
|
California Eastern Laboratories, Inc. http:// CEL[California Eastern Labs]
|
BD80C0AFPS-M |
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
|
Rohm
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MIC5233-1.8YM5TR |
IC REG LDO 100MA 1.8V SOT23-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc.
|
MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.0YM MIC5200- |
100mA Low-Dropout Regulator IC REG LDO 100MA 3.3V 1% SOT223 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 IC REG LDO 100MA 5.0V 1% 8SOIC 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
Micrel Semiconductor, Inc. MICREL INC
|
MLL5232B MLL5221B MLL5234A MLL5231A MLL5231B MLL52 |
16000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Single Output LDO, 200mA, Adj.(10 to 1.2V), High PSRR, Low Noise 5-SOT-23 -40 to 125 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 150mA, Adj.(1.22 to 2.5V), Low Input Voltage Requirement, Low Quiescent Current 5-SOT-23 -40 to 125 5.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 50mA, Fixed(1.5V), Cap Free, Low Noise, Low Input Voltage 5-SOT-23 -40 to 125 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 1.0A, Fixed(2.5V), Any cap, Low Input Voltage, Integrated SVS 6-SOT-223 -40 to 125 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 1.0A, Fixed(1.8V), Any cap, Low Input Voltage, Integrated SVS 6-SOT-223 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.4 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(4.8V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(4.8V), Low Quiescent Current, Power Good (PG) Output 8-SOIC -40 to 125 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Adjustable(1.2 to 9.75V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Adjustable(1.2 to 9.75V), Low Quiescent Current, Power Good (PG) Output 8-SOIC -40 to 125 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(3.3V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Adjustable(1.2 to 9.75V), Low Quiescent Current, Power Good (PG) Output 8-TSSOP -40 to 125 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(3.3V), Low Quiescent Current, Power Good (PG) Output 8-TSSOP -40 to 125 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(3.0V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(5.0V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(2.5V), Low Quiescent Current, Power Good (PG) Output 8-SOIC -55 to 150 8.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(2.5V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -55 to 150 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 1.0A, Fixed(1.8V), Any cap, Low Input Voltage, Integrated SVS 6-SOT-223 -40 to 125 POT THUMBWHEEL 5K OHM AUDIO MSTBW 2,5/ 4-G RECTIFIER SCHOTTKY SINGLE 1A 70V 30A-Ifsm 0.79Vf 0.5A-IR SMA 3K/REEL Single Output LDO, 150mA, Fixed(1.5V), Low Input Voltage Requirement, Low Quiescent Current 5-SOT-23 -40 to 125 Single Output LDO, 150mA, Fixed(1.8V), Low Input Voltage Requirement, Low Quiescent Current 5-SOT-23 -40 to 125 500 mW GLASS SURFACE MOUNT ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE UltraVolt, Inc. Microsemi, Corp. Microsemi Corporation
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
SP6200EM5-1.5 SP6200EM5-1.5_TR SP6200EM5-1.8 SP620 |
Micropower, 100mA and 200mA CMOS LDO Regulators Micropower / 100mA and 200mA CMOS LDO Regulators TRIMMER, 25 TURN 1M
|
SIPEX[Sipex Corporation] http://
|
|