PART |
Description |
Maker |
NJM2380 NJM2380AD NJM2380AL NJM2380AU NJM2380E NJM |
Single Output LDO, 100mA, Fixed(2.9V), Shutdown, 1.25% Tolerance 5-SOT-23 -40 to 125 ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
|
New Japan Radio Co., Ltd.
|
MX29LV004TTI-90 MX29LV004TQI-70 |
Single Output LDO, 100mA, Adj.(0.7 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 -40 to 125 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Macronix International Co., Ltd.
|
P4C116L-35PC P4C116L-35JC P4C116L-35DC P4C116L-35D |
100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 80 Ma Tiny CMOS, w/shutdown, -40C to 125C, 5-SC-70, T/R x8 SRAM x8的SRAM 100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R x8的SRAM 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x8的SRAM
|
Pyramid Semiconductor, Corp. Electronic Theatre Controls, Inc. Analog Devices, Inc.
|
LP2950-02YZ |
Voltage Regulator IC; Package/Case:3-TO-92; Current Rating:100mA; Output Voltage Max:5V; Voltage Regulator Type:Low Dropout (LDO); Mounting Type:Through Hole RoHS Compliant: Yes 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
NX8566LE929-CC NX8566LE803-CC NX8565LE836-CC NX856 |
TV 6C 6#8(TWIN) PIN PLUG RECP Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可6000240公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 PT 19C 19#20 SKT PLUG Single Output LDO, 250mA, Fixed(5.0V), Low Quiescent Current, Power Good (PG) Output 8-SOIC PTSE 18C 18#20 PIN RECP 901481102 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PQ I HIP6W DUET Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. http:// California Eastern Labs
|
R1170H301B R1170H301B-T1 R1170H301B-T2 R1170H301B- |
800mA LDO REGULATOR 800mA LDO REGULATOR 1.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 CAPS, COAX CONNECTOR; SC MALE CAP (WITH CHAIN); SC MALE CAP (WITH CHAIN) 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, DSO6 800mA LDO REGULATOR 800mA的LDO稳压 800mA LDO REGULATOR 2.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.9 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 VOLT REG POS 4V 100MA SMD TO-243 CABLE 10COND 24AWG UNSHLD UL2464
|
RICOH electronics devic... RICOH COMPANY LTD Ricoh Co., Ltd. RICOH[RICOH electronics devices division]
|
BD00C0AWFPS-M BD00C0AWFPS-ME2 |
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
|
Rohm
|
EL2250 EL2450 |
Op Amp, Video, Dual 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output Op Amp, Video, Quad 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output
|
Intersil
|
MIC5200 MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.3BM |
100mA Low-Dropout Voltage Regulator Preliminary Information Circular Connector; No. of Contacts:32; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-32 100mA Low-Dropout Voltage Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 PT 41C 41#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W,PTN78060H : 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 MB 32C 32#20 PIN RECP 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
|