PART |
Description |
Maker |
IDT77252 77252_DS_45048 IDT77252L155PG IDT77252L15 |
ATM SAR Controller with ABR support - Not recommended for new designs 155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications From old datasheet system ATM/SONET Segmentation and Reassembly Circuit
|
Integrated Device Technology IDT
|
MT90503 161 |
2048VC AAL1 SAR From old datasheet system
|
Zarlink
|
L64360 |
Highly Integrated ATM Segmentation and Reassembly (SAR) Engine optimized for internetworking applications(用于优化网络的高度集成的异步传输模式-分段和重组处理芯
|
LSI Corporation
|
IDT77V1254L25L25PG IDT77V1254L25L25PGI IDT77V1254L |
Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks Quad port ATM PHY for 25.6 and 51.2 Mbps ATM Networks with 16 bit UTOPIA Level 2 4 Channel 25/51Mbps PHY, U1/U2
|
IDT
|
HFBR-5803 HFBR-5803T HFBR-5803A HFBR-5803AT |
FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style HFBR-5803 · 100/125 Mbit/s MMF (2 km) 1x9 SC Duplex Transceiver for Fast Ethernet (100Base-FX) /ATM/FDDI HFBR-5803T · 100/125 Mbit/s MMF (2 km) 1x9 ST Duplex Transceiver for Fast Ethernet (100Base-FX) /ATM/FDDI HFBR-5803A · 125Mb/s Multi Mode Optical Transceivers with SC connector, -10C to 85C HFBR-5803AT · 125Mb/s Multi Mode Optical Transceivers with ST connector, -10C to 85C
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
AD7265 EVAL-CONTROLBRD22 AD7265ACP AD7265ASU AD726 |
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC Differential Input Dual 1 MSPS 12-Bit 3-Channel SAR ADC Differential Input/ Dual 1 MSPS/ 12-Bit/ 3-Channel SAR ADC From old datasheet system
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MAX1391 MAX1391ETB MAX1391MTB MAX1394 MAX1394ETB M |
1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
|
MAXIM[Maxim Integrated Products]
|
IDT82V2604 IDT82V2604BB |
INVERSE MULTIPLEXING FOR ATM IDT82V2604 反向复用的ATM IDT82V2604 4 Channel, T1/E1 Inverse Multiplexing for ATM Inverse Multiplexing for ATM, 4-Channel
|
Integrated Device Technology, Inc. IDT
|
IDT77V1253L25PGI |
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS ATM NETWORK INTERFACE, PQFP144
|
Integrated Device Technology, Inc.
|
GD16333-QFP100 |
ATM/SONET Demultiplexer ATM SONET的多路解复用
|
Jonard Industries, Corp.
|
PM73121 1980620 PM73121-RI |
AAL1 Segmentation And Reassembly Processor From old datasheet system
|
PMC[PMC-Sierra, Inc] PMC-Serria
|
XRT79L7107 XRT79L71IB XRT79L71 |
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
|
EXAR[Exar Corporation]
|