PART |
Description |
Maker |
MSM66509 MSM66P509 |
OLMS-66K Series 16-Bit Microcontroller
|
OKI electronic components
|
MSM66507 MSM66P507 MSM66507_MSM66P507 |
From old datasheet system OLMS-66K Series 16-Bit Microcontroller
|
OKI electronic componets
|
FST162245 FST162245MTD FST162245MTDX |
16-Bit Bus Switch with 25 Series Resistors in Outputs 16-Bit Bus Switch with 25з Series Resistors in Outputs 16-Bit Bus Switch with 25???? Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 6.10 MM, MO-153, TSSOP-48
|
Fairchild Semiconductor, Corp.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT162240 74ABT162240DGG 74ABT162240DL BT162240D |
16-bit inverting buffer/driver with 30ohm series termination resistors ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-Bit Inverting Buffer/Driver With 30Ω Series Termination Resistors(0Ω系列电阻6位反相缓冲器/驱动 Octal bus transceivers 20-SOIC 0 to 70
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
S3C80F7 S3C80F9 S3C80G7 |
S3C8-SERIES MICROCONTROLLERS SH2A Series, 7211 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, SDRAM, WAVE, 15 mA IO FP-144CV SH2 Series, 7149 Group, Three ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 15 mA IO FP-100U; Vcc= 4.0 to 5.5
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
TC5012BP TC5048AP TC4528BP TC4528BFN |
5000 SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 5000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 17-BIT UP BINARY COUNTER, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDSO16
|
|
HCTS85MS02 HCTS85MS HCTS85DMSR HCTS85K/SAMPLE |
HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16 HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDIP16 Radiation Hardened 4-Bit Magnitude Comparator Comparator, Digital, Magnitude, 4-Bit, TTL Inputs, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil Corporation
|
74LCXH162244 74LCXH162244MEA 74LCXH162244MTD |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs 低电6位缓冲器/线与Bushold6з电阻的输出驱动器系列 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
|