PART |
Description |
Maker |
MSM66509 |
OLMS-66K Series 16-Bit Microcontroller
|
OKI electronic componet...
|
MSM66507 MSM66P507 MSM66507_MSM66P507 |
From old datasheet system OLMS-66K Series 16-Bit Microcontroller
|
OKI electronic componets
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC258PW-T 74LVT544PW 74LVC640D-T 74LVC640PW-T 7 |
LVC/LCX/Z SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, INVERTED OUTPUT, PDSO16 LVT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO24 LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO24 LVT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24 LVT SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDSO24 LVC/LCX/Z SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL BINARY COUNTER, PDSO16
|
NXP Semiconductors N.V.
|
74AC16244 74AC16244SSC 74ACT16244MTD 74ACT16244SSC |
From old datasheet system Octal Serial/Parallel Register with Sign Extend Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit Buffer/Line Driver with 3-STATE Outputs ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
74FR25900SSC 74FR25900 74FR25900SSCX |
20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor FR/FASTR SERIES, MULTIPLEXER, PDSO48 From old datasheet system 9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors 9-Bit, 3-Port Latchable Datapath Multiplexer with 25-Ohm Output Series Resistors 9-Bit / 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors 9-Bit 3-Port Latchable Datapath Multiplexer with 25 Ohm Output Series Resistors
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UPD78042F UPD78042FGF-XXX-3B9 UPD78043F UPD78043FG |
8-bit microcomputer 78K/0 series incorporating FIP 8-bit microcomputer 78K/0 series incorporating VFD 8-bit single-chip microcomputer with on-chip VFD driver 78K/0 series 8-bit microcomputer with on-chip FIP driver 78K/0 series 100 pin VFD mask ROM 8-bit single-chip microcomputer with on-chip VFD controller/driver 78K/0 series
|
NEC
|
H8/3690 H8/3693 H8/3694F H8/3692 HD6433693 H8/3694 |
(HD64xxxx Series) 16-BIT MICROCONTROLLER 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series 16位单片机H8 Family/H8/300H Tiny系列
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
HCTS85MS02 HCTS85MS HCTS85DMSR HCTS85K/SAMPLE |
HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16 HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDIP16 Radiation Hardened 4-Bit Magnitude Comparator Comparator, Digital, Magnitude, 4-Bit, TTL Inputs, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil Corporation
|
74LVC162244 74LVCH162244ADL VCH162244ADL 74LVC1622 |
16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State 16-bit buffer/line driver, 30 OHM series
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|