Part Number Hot Search : 
1605002 43810 RD11S SD103A 43810 SM6T12CA XCA120LS SM6T12CA
Product Description
Full Text Search

MMBZ5226B - Zeners

MMBZ5226B_32168.PDF Datasheet

 
Part No. MMBZ5226B MMBZ5257B MMBZ5227B MMBZ5228B MMBZ5229B MMBZ5230B MMBZ5231B MMBZ5232B MMBZ5233B MMBZ5234B MMBZ5235B MMBZ5236B MMBZ5237B MMBZ5238B MMBZ5239B MMBZ5240B MMBZ5241B MMBZ5242B MMBZ5243B MMBZ5244B MMBZ5245B MMBZ5246B MMBZ5247B MMBZ5248B MMBZ5249B MMBZ5250B MMBZ5251B MMBZ5252B MMBZ5253B MMBZ5254B MMBZ5255B
Description Zeners

File Size 203.34K  /  6 Page  

Maker


FAIRCHILD[Fairchild Semiconductor]



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: MMBZ5226B
Maker: NATIONAL..
Pack: SOT23
Stock: Reserved
Unit price for :
    50: $0.02
  100: $0.02
1000: $0.02

Email: oulindz@gmail.com

Contact us

Homepage http://www.fairchildsemi.com/
Download [ ]
[ MMBZ5226B MMBZ5257B MMBZ5227B MMBZ5228B MMBZ5229B MMBZ5230B MMBZ5231B MMBZ5232B MMBZ5233B MMBZ5234B Datasheet PDF Downlaod from Datasheet.HK ]
[MMBZ5226B MMBZ5257B MMBZ5227B MMBZ5228B MMBZ5229B MMBZ5230B MMBZ5231B MMBZ5232B MMBZ5233B MMBZ5234B Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for MMBZ5226B ]

[ Price & Availability of MMBZ5226B by FindChips.com ]

 Full text search : Zeners


 Related Part Number
PART Description Maker
PJBZ5223Q PJBZ5222Q PJBZ5221Q PJBZ5200Q PJBZ5237Q 500mW ZENERS IN QFN 1.2x1.5 mm2
500mW ZENERS IN QFN 1.2x1.5 mm漏梅
500mW ZENERS IN QFN 1.2x1.5 mm?
Pan Jit International Inc.
JANTX1N4102UR JANTX1N4102UR-1 JANTX1N4102URTR-1 JA Zener Voltage Regulator Diode
Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SOIC -40 to 85
MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time:20ns; Load Capacitance:1000pF; Package/Case:8-SOIC; Number of Drivers:2; Supply Voltage Max:16.5V
500V N-Channel C-FET (FRFET)
MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time, tf:20ns; Load Capacitance:1000pF; Package/Case:8-MSOP; No. of Drivers:2; Supply Voltage Max:16.5V RoHS Compliant: Yes
CAP 1500PF 50V 10% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR
4-Channel I2C And SMBus Multiplexer With Interrupt Logic And Reset Functions 20-TVSOP -40 to 85
Low-power dual supply translating transeiver; 3-state
CAP 22PF 25V 20% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR
CAP 22PF 25V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR
CAP 1200PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR
CAP 22PF 10V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR
CAP 0.22UF 16V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR
THYRISTOR MODULE, 18A 800VTHYRISTOR MODULE, 18A 800V; Voltage, Vrrm:800V; Current, It av:18A; Case style:SEMIPACK 1; Current, It rms:42A; Current, Itsm:320A; Voltage, Vgt:3.0V; Current, Igt:150mA; Centres, fixing:80mm; Depth,
Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-TVSOP -40 to 85
4-Channel I2C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85
Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP/QSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
CAP 33PF 25V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源
CAP 27PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源
RES .22 OHM 1/8W 1% 0805 SMD 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 玻璃表面贴装0.5瓦齐纳基准源
GLASS SURFACE MOUNT 0.5 WATT ZENERS 30 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
4-Channel I<sup>2</sup>C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 68 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
CAP 3.0PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源
GLASS SURFACE MOUNT 0.5 WATT ZENERS 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 60 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 19 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 17 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
Low-power dual 2-input NAND Schmitt trigger 低功耗双2输入与非门施密特触发
GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
CAP,CHIP,270PF,1%,50V,COG,0603,SMD 玻璃表面贴装0.5瓦齐纳基准源
GLASS SURFACE MOUNT 0.5 WATT ZENERS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 5.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
GLASS SURFACE MOUNT 0.5 WATT ZENERS 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
http://
MICROSEMI[Microsemi Corporation]
Microsemi, Corp.
Bel Fuse, Inc.
MICROSEMI CORP-SCOTTSDALE
MMBZ5226B MMBZ5257B MMBZ5227B MMBZ5228B MMBZ5229B Zeners
FAIRCHILD[Fairchild Semiconductor]
UZ8119 UZ8110 UZ8111 UZ8113 UZ8112 UZ8114 UZ8116 U POWER ZENERS
Microsemi
UZ8111 UZ8114 UZ8115 UZ8117 UZ8110 UZ8112 UZ8113 U POWER ZENERS
New Jersey Semi-Conduct...
UZ117 1N4097 UZ8216 UZ116HR2 1N4884 POWER ZENERS
Microsemi
U75820 UZ5822 UZ5824 UZ5827 POWER ZENERS
New Jersey Semi-Conductor P...
New Jersey Semi-Conduct...
SZ100SM SZ110SM SZ150SM SZ180SM (SZ1xxSM) 3 Watt Zeners
Solid State Devices
MMBZ5224BTW MMBZ5222BTW MMBZ5260BTW MMBZ5235BTW MM TRIPLE ISOLATED 200mW ZENERS
Pan Jit International I...
Pan Jit International Inc.
SW06BQ SW06BRC SW06FQ SW06GP 1N4735A Quad SPST JFET Analog Switch
One Watt Zeners
Analog Devices
Fairchild Semiconductor
 
 Related keyword From Full Text Search System
MMBZ5226B vishay MMBZ5226B 替换的 MMBZ5226B protection ic MMBZ5226B 0pam MMBZ5226B poliester
MMBZ5226B schematic MMBZ5226B mitsubishi MMBZ5226B noise MMBZ5226B band MMBZ5226B filetype:pdf
 

 

Price & Availability of MMBZ5226B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.26057004928589