PART |
Description |
Maker |
1N964B 1N991B 1N957B 1N957B_04 1N958B 1N959B 1N960 |
15V, 0.5W Zener Diode 33V, 0.5W Zener Diode 10V, 0.5W Zener Diode 12V, 0.5W Zener Diode 22V, 0.5W Zener Diode 18V, 0.5W Zener Diode 16V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode Half Watt Zeners Zeners General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BZX55C2V4 BZX55C39 BZX55C43 BZX55C56 BZX55C9V1 BZX |
Zeners 5.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode 4.7V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 3.9V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 6.2V, 0.5W Zener Diode 5.6V, 0.5W Zener Diode 33V, 0.5W Zener Diode 4.3V, 0.5W Zener Diode 3.3V, 0.5W Zener Diode 10V, 0.5W Zener Diode 11V, 0.5W Zener Diode 13V, 0.5W Zener Diode 12V, 0.5W Zener Diode 8.2V, 0.5W Zener Diode
|
FAIRCHILD[Fairchild Semiconductor]
|
1N5271 1N5230 1N5256 1N5248 1N5223 1N5267 1N5272 1 |
Pd=500mW, Vz=87V zener diode Pd=500mW, Vz=27V zener diode Pd=500mW, Vz=22V zener diode MVSTBW 2,5/ 3-ST BK MSTBW 2.5/12-G 500 mW Zener Diode 2.4 to 200 Volts Pd=500mW, Vz=36V zener diode Pd=500mW, Vz=19V zener diode
|
MCC Micro Commercial Compon... Micro Commercial Components Corp. http://
|
BZT52C4V3 BZT52C2V7 BZT52C2V4 BZT52C6V2 BZT52C9V1 |
410 mW Zener Diodes 2.4 to 39 Volts
|
MCC[Micro Commercial Components]
|
BZX84C5V1 BZX84C6V2 BZX84C9V1 BZX84C7V5 BZX84C10 B |
Silicon 410 mWatt Zener Diodes
|
Micro Commercial Compon... Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
BZV48C9V1 BZV48C10 BZV48C100 BZV48C11 BZV48C110 BZ |
124 to 141V; P(tot): 5W; zener diode 104 to 116V; P(tot): 5W; zener diode 114 to 127V; P(tot): 5W; zener diode 94 to 106V; P(tot): 5W; zener diode ZENER DIODES
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
1N6268A 1N6268ARL4 1N6270ARL4 1N6269A 1.5KE220ARL4 |
Zener 7.5V 1500W 5% Zener 9.1V 1500W 5% Zener 8.2V 1500W 5% 1500 Watt Mosorb Zener Transient Voltage Suppressors Zener 20V 1500W 5% Zener 6.8V 1500W 5% Zener 27V 1500W 5% Zener 130V 1500W 5% Zener 12V 1500W 5% Zener 56V 1500W 5% Zener 33V 1500W 5% Zener 150V 1500W 5% Zener 51V 1500W 5% Zener 91V 1500W 5% Zener 82V 1500W 5% Zener 16V 1500W 5% Zener 18V 1500W 5% Zener 24V 1500W 5% Zener 30V 1500W 5% Zener 36V 1500W 5% Zener 43V 1500W 5% Zener 120V 1500W 5% Zener 68V 1500W 5%
|
ON Semiconductor
|
NTE5296A NTE5240A NTE5241A NTE5242A NTE5243A NTE52 |
50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 52.0V. Zener test current Izt = 240mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 33.0V. Zener test current Izt = 380mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 180.0V. Zener test current Izt = 68mA. 50 Watt Zener Diodes ±5% Tolerance 50 Watt Zener Diodes 5% Tolerance 50 WATT ZENER DIODES 【5% TOLERANCE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 13.0V. Zener test current Izt = 960mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 43.0V. Zener test current Izt = 290mA.
|
NTE[NTE Electronics] Fujitsu, Ltd. NTE Electronics, Inc.
|
1N754 1N746 1N759 1N4371 1N4372 1N747 1N748 1N749 |
500mW SILICON ZENER DIODES 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 12.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 4.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 8.2 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 2.4 V. Test current 20 mA. -2% tolerance. SIDE GRIPS, PAIR GREY LARGESIDE GRIPS, PAIR GREY LARGE; Colour:Grey; Pack size:2 surface mount silicon Zener diodes 500mW, silicon zener diode. Zener voltage 12 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 10 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.0 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 3.3 V. Test current 20 mA. -2% tolerance. 500mW, silicon zener diode. Zener voltage 3.9 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 9.1 V. Test current 20 mA. -1% tolerance. 500mW, silicon zener diode. Zener voltage 7.5 V. Test current 20 mA. -1% tolerance.
|
Jinan Gude Electronic D... JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 娴???洪??靛??ㄤ欢??????
|
RLZTE-1136B RLZTE-1118C RLZTE-1122B RLZTE-114.3B R |
500mW Zener Leadless Diode RLZ Series 300mW Zener Leadless Diode 500mW Zener Leadless Diodes 500mA Zener Leadless Diode 500mW Zener Leadiess Diode RLZ Series 300mW Zener Leadless Diode 500mW Zener Leadless Diode Designed for mounting on small surface areas(LLDS(LL-34)) 500mW Zener Leadless Diode RlZ Series
|
Rohm Diodes Incorporated
|