PART |
Description |
Maker |
ACD81024 |
24 ports single chip 10Base-T ethernet switch designed for desktop environment.
|
Advanced Communication Devices
|
PH163003B |
Single 10Base-T/100Base-TX Transformer Design
|
YCL
|
0810-1X1T-27 |
1port.Y/GO LEDs.RJ45 10Base-T INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag with LEDs
|
Bel Fuse Inc.
|
HB6XX HB620-1 HB634-1 |
10BASE-T Single Port Ethernet Magnetics Module
|
Transpower
|
LU6612-T64-DB LU6612 |
LU6612 FASTCAT TM Single-FET for 10Base-T/100Base-TX
|
AGERE[Agere Systems]
|
20PMT04B |
(20PMT04B / 20PMT05B) Single 10Base-T/100Base-TX Transformer Design
|
YCL
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
CS89712 CS89712-2 CS89712-CB |
HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER From old datasheet system
|
CIRRUS[Cirrus Logic]
|
ISD4004-16M ISD4004-08M |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 16 minutes)(单片的录录音重放一片信息存储持续时16分钟 Single-Chip Voice Record/Playback Device(Single-chip Durations of 8 minutes)(单片的录录音重放一片信息存储持续时分钟 单芯片语音记播放设备(单芯片的持续时分钟)(单片的录录音重放器(一片信息存储持续时分钟))
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
HS00-99150 HS92-A1041 HS00-03092 HS00-00044 HS92-0 |
10Base Networking Products 10Base网络产品 10Base Networking Products DATACOM TRANSFORMER FOR 10 BASE-T APPLICATION(S)
|
BI Technologies Corporation BI Technologies, Corp.
|