PART |
Description |
Maker |
MIC5246 MIC5246-2.6BM5 MIC5246-2.7BM5 MIC5246-2.85 |
150mA レCap CMOS LDO Regulator Preliminary Information 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 DIODE, SCHOTTKY BARRIER DIODE 150mA Cap CMOS LDO Regulator Preliminary Information 150mA μCap CMOS LDO Regulator Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MIC5255 MIC5255-2.5BM5 MIC5255-2.5YM5 MIC5255-2.6B |
150mA Low Noise UCap CMOS LDO 150mA Low Noise UCap CMOS LDO 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 3.3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 IGBT Modules up to 600V PIM 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 600 kHz 14-HTSSOP -40 to 125 T1/E1 Transformer 5.5V to 36V, 5A, 500kHz Step Down SWIFT Converter 8-SO PowerPAD -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] MICREL INC
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC5258-1.2BM5 MIC5258-1.2YM5 MIC525806 |
150mA 渭Cap CMOS LDO Regulator w/Power Good 150mA μCap CMOS LDO Regulator w/Power Good
|
Micrel Semiconductor
|
TC2054 TC2055 TC2186 TC2055-2.85VCTTR TC2055-2.7VC |
1.8 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.07 V DROPOUT, PDSO5 50mA / 100mA / and 150mA CMOS LDOs with Shutdown and Error Output 50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output The TC2054, TC2055, and TC2186 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators. ... 2.8 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
MICROCHIP[Microchip Technology]
|
LT1575CN8-2.8 LT1577CS-ADJ/ADJ LT1575CS8-3.5 LT157 |
Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed CAP ELECT 22UF 35V HC SMD 3.3 V FIXED POSITIVE LDO REGULATOR, PDIP8 CAP 3.3UF 50V ELECT VS BI-POLAR 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection CAP ELECT 220UF 35V HC SMD CAP 100UF 10V ELECT TG SMD CAP 220UF 10V ELECT TG SMD Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:19; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No CAP ELECT 47UF 25V HC SMD
|
http:// Linear Technology, Corp. 固定正电压单路输出LDO稳压 Linear Technology Corporation
|
AME8890TEEVZ |
150mA CMOS LDO
|
AME
|
BH28SA3WGUT-E2 BH18SA3WGUT |
1ch 150mA CMOS LDO Regulators
|
ROHM
|
LT1573CS8-2.5TRPBF LT1573CS8-2.5PBF |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V FIXED POSITIVE LDO REGULATOR, PDSO8
|
Linear Technology, Corp.
|