PART |
Description |
Maker |
R1170H301B R1170H301B-T1 R1170H301B-T2 R1170H301B- |
800mA LDO REGULATOR 800mA LDO REGULATOR 1.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 CAPS, COAX CONNECTOR; SC MALE CAP (WITH CHAIN); SC MALE CAP (WITH CHAIN) 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, DSO6 800mA LDO REGULATOR 800mA的LDO稳压 800mA LDO REGULATOR 2.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.9 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 VOLT REG POS 4V 100MA SMD TO-243 CABLE 10COND 24AWG UNSHLD UL2464
|
RICOH electronics devic... RICOH COMPANY LTD Ricoh Co., Ltd. RICOH[RICOH electronics devices division]
|
AH-29 |
Protecting Super LDO?Regulator MOSFETs by Jerry Kmetz Protecting Super LDO Regulator MOSFETs by Jerry Kmetz Protecting Super LDO⑩ Regulator MOSFETs by Jerry Kmetz From old datasheet system Circular Connector; No. of Contacts:22; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-22 RoHS Compliant: No
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
EC49124-XX-B6NR |
500mA Super LDO Linear Regulator
|
E-CMOS Corporation
|
MIC29510 MIC29510-3.3BT MIC29510-5.0BT MIC29512BT |
IC-LDO REGULATOR 集成电路LDO稳压 5A Fast-Response LDO Regulator(输出电流5A 快速瞬变反应低压差稳压 PT 61C 61#20 SKT PLUG 5A Fast-Response LDO Regulator Preliminary Information
|
MICREL INC Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MIC5305 MIC5305-1.5BD5 MIC5305-1.5BML MIC5305-1.8B |
150mA UCap Ultra-Low Dropout LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.11 V DROPOUT, PDSO6 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1.5 V FIXED POSITIVE LDO REGULATOR, 0.11 V DROPOUT, PDSO5 150mA UCap Ultra-Low Dropout LDO Regulator 2.85 V FIXED POSITIVE LDO REGULATOR, 0.085 V DROPOUT, PDSO6 Replaced by PT6214,PTN78060W :
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
IRU1010-25CD IRU1010-25CP IRU1010-25CS IRU1010-25C |
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 1A低压差型正,固定2.5V的稳压器 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MAX4832 MAX4833 MAX4832EUT18D1 MAX4832ETT18D1 MAX4 |
3.0 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 From old datasheet system 100mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, 100 mA LDO regulator with current-limiting switch
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SI91822DH-12-T1-E3 SI91822DH-33-T1 SI9182DH-33-T1 |
LDO Regulator Pos 1.215V 0.6A 8-Pin MSOP T/R LDO Regulator Pos 3.3V 0.6A 8-Pin MSOP T/R LDO Regulator Pos 3.3V 0.5A 8-Pin MSOP T/R IC 1.5 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16, TSSOP-16, Switching Regulator or Controller REG LDO LIN FIX POS 2.2V 0.3A 5MLP33 - Tape and Reel
|
Vishay Siliconix
|
MIC5206 MIC5206-2.5BM5 MIC5206-2.7BM5 MIC5206-3.0B |
150mA Low-Noise LDO Regulator 3.2 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 3V to 6V, 3A, 1.6MHz Synchronous Step Down SWIFT Converter 24-VQFN -40 to 125
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC5246 MIC5246-2.6BM5 MIC5246-2.7BM5 MIC5246-2.85 |
150mA レCap CMOS LDO Regulator Preliminary Information 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 DIODE, SCHOTTKY BARRIER DIODE 150mA Cap CMOS LDO Regulator Preliminary Information 150mA μCap CMOS LDO Regulator Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
FAN2535S26X AN2535S285XNL |
150 mA CMOS LDO Regulator with Fast Start, Enable 2.85 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
FAIRCHILD SEMICONDUCTOR CORP
|
|