PART |
Description |
Maker |
MIC5018 MIC5018BM4 |
IttyBitty?/a> High-Side MOSFET Driver Preliminary Information IttyBitty⑩ High-Side MOSFET Driver Preliminary Information IttyBitty High-Side MOSFET Driver Preliminary Information IttyBitty High-Side MOSFET Driver(IttyBitty技术高边MOS场效应管驱动
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
MIC4416 MIC4416BM4 MIC4417BM4 MIC4417 |
IttyBitty?Low-Side MOSFET Driver IttyBitty⑩ Low-Side MOSFET Driver IttyBitty Low-Side MOSFET Driver(IttyBitty技术低边MOS场效应管驱动 IttyBittyLow-Side MOSFET Driver IttyBitty⑩低边MOSFET驱动 IttyBittyLow-Side MOSFET Driver 1.2 A BUF OR INV BASED MOSFET DRIVER, PDSO4
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MAX1614 MAX1614EUA 1669 MAX1614C_D MAX1614C/D |
High-Side / N-Channel MOSFET Switch Driver High-Side, N-Channel MOSFET Switch Driver From old datasheet system RJ11 AND RJ45 2-15 POS CRIM
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IPS5551T |
Intelligent Power Switch 1 Channel High Side Driver in a Super 220 (TO-273AA) Package FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
|
IRF[International Rectifier]
|
IPS521 IPS521S |
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH 充分保护高压侧功率MOSFET开 Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MIC5011 MIC5011BM MIC5011BN |
Minimum Parts High- or Low-Side MOSFET Driver Minimum Parts High- or Low-Side MOSFET Driver BUF OR INV BASED MOSFET DRIVER, PDSO8 Minimum Parts High- or Low-Side MOSFET Driver BUF OR INV BASED MOSFET DRIVER, PDIP8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
RIC7113A4 |
RadHard High and Low Side 400V MOSFET and IGBT Gate Driver RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
|
IRF[International Rectifier]
|
HIP6601B HIP6603B HIP6604B |
MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 5/12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side and 5/12V High Side or 5/12V High and Low Side, use with Multiphase Controller, POR=7.6V
|
Intersil
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MIC5031BM MIC5031 |
High-Speed High-Side MOSFET Driver
|
MICREL[Micrel Semiconductor]
|