PART |
Description |
Maker |
NJM2284 NJM2284D NJM2284M NJM2284V |
Single, Low-Voltage, Low Power, RRO 5-SC70 -40 to 125 Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 85 2-INPUT 3CHANNEL VIDEO SWITCH
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
MCP1623T-I_CHY MCP1624-I_CHY MCP162310 MCP1624T-I_ |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology Inc.
|
MCP1624-I_CH MCP1623T-I_CH MCP1624T-I_CH MCP1624T- |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
74LX1G32 74LX1G32CTR 74LX1G32STR |
LOW VOLTAGE CMOS SINGLE 2-INPUT OR GATE WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
TC7MP01FK |
Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
|
Toshiba Semiconductor
|
MC74LCX258DR2 MC74LCX258DR2G MC74LCX258DTR2 MC74LC |
Low-Voltage CMOS Quad 2-Input Multiplexer; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 Low-Voltage CMOS Quad 2-Input Multiplexer; Package: TSSOP-16; No of Pins: 16; Container: Rail; Qty per Container: 96 Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage Quad 2-Input Multiplexer with 5V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ONSEMI[ON Semiconductor]
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MIC5203 MIC5203-2.8BM5 MIC5203-3.0BM4 MIC5203-3.0B |
??ap??80mA Low-Dropout Voltage Regulator レCap80mA Low-Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 レCap80mA Low-Dropout Voltage Regulator 4.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Enhanced Product 3-V To 6-V, 3-A Output Synchronous-Buck Pwm Switcher W/Integrated Fets 20-HTSSOP -55 to 125 Replaced by PTN78060W : Low Input Voltage 3A Synchronous Buck Converter with 2.5V Output 20-HTSSOP レCap⑩ 80mA Low-Dropout Voltage Regulator μCap 80mA Low-Dropout Voltage Regulator
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC4827YMM |
Low Input Voltage, 180VPP Output Voltage, EL Driver
|
Micrel Semiconductor
|