PART |
Description |
Maker |
MIC2295 MIC2295BD5 MIC2295BML MIC2295YD5 MIC2295YM |
High Power Density 1.2A Boost Regulator
|
MICREL[Micrel Semiconductor]
|
ISPLSI1032EA-170LT100 ISPLSI1032EA-200LT100 1032EA |
60 MHz in-system prommable high density PLD 170 MHz in-system prommable high density PLD 125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:4 RoHS Compliant: Yes In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LTC3586 LTC3586-1 LTC3586EUFE-1-PBF LTC3586EUFE-1- |
High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
|
Linear Technology
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI1016EA ISPLSI1016EA-100LJ44 ISPLSI1016EA-100 |
125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD In-System Programmable High Density PLD 200 MHz in-system prommable high density PLD
|
Lattice Semiconductor
|
DR127-2R2-R DR125-330-R DR125-560-R DR74-100-R DR7 |
High Power Density, High Efficiency, Shielded Inductors
|
Cooper Bussmann, Inc.
|
LTC3556 LTC3556EUFD-PBF LTC3556EUFD-TRPBF LTC3556E |
High Efciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs; Package: QFN; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A BATTERY CHARGE CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PQCC28 High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
|
Linear Technology, Corp. http://
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
ARF150 |
High power density
|
Ohmite Mfg. Co.
|
1032-60LG_883 1032-60LJ 1032-60LJI 1032-60LT 1032- |
High-Density Programmable Logic In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|