PART |
Description |
Maker |
IP2002 |
Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
|
IRF[International Rectifier]
|
MCP1601 |
The MCP1601 is a synchronous Buck (step-down) switching regulator that can continuously supply 500mA of load current. This DC/DC converter can provide output voltages of 0.9V to Vin with an operating efficiency that can exceed 92%. Althoug 500 mA Synchronous BUCK Regulator From old datasheet system
|
Microchip Technology
|
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
LTC3899MPUHFTRPBF |
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
|
Linear Technology
|
IRF3704ZLPBF IRF3704ZSLPBF IRF3704ZPBF IRF3704ZSPB |
High Frequency Synchronous Buck High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
HIP6602A FN4902 |
Dual Channel Synchronous-Rectified Buck MOSFET Drivers(????存???OSFET椹卞??? From old datasheet system Dual Channel Synchronous-Rectified Buck MOSFET
Drivers(同步整流的MOSFET驱动 Dual Channel Synchronous-Rectified Buck MOSFET Drivers(同步整流的MOSFET驱动 双通道同步整流降压MOSFET驱动器(同步整流的MOSFET的驱动器
|
Intersil Corporation Intersil, Corp.
|
HA17432UA HA17432VLTP HA17432VUP HA17431VLP HA1743 |
Shunt Regulato
|
RENESAS[Renesas Electronics Corporation]
|
SSC1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|