PART |
Description |
Maker |
IRG4PC50S IRG4PC50SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TANSISTOR(Vces=600V, Vce(on)typ.=1.28V, @Vge=15V, Ic=41A) INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4PH40K |
1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
GT40G121 |
Insulated Gate Bipolar Transistor Silicon N Channel IGBT The 4th Generation Current Resonance Inverter Switching Applications TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MGW12N120-D |
Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
|
ON Semiconductor
|
MG15J6ES40 |
INSULATED GATE BIPOLAR TRANSISTOR
|
Toshiba Semiconductor
|
IRGP4069PBF |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
2PG303 |
Insulated Gate Bipolar Transistor
|
Panasonic
|
MGP15N60U |
Insulated Gate Bipolar Transistor
|
MOTOROLA[Motorola, Inc]
|
IRG4BC40UPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
IRG4PF50W |
INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|