PART |
Description |
Maker |
IC61S6432-8TQI IC61S6432 IC61S6432-117PQ IC61S6432 |
100MHz; 3.3V; 64K x 32 synchronous pipelined static RAM SYNCHRONOUS STATIC RAM, Pipelined Synchronous SRAM 64K x 32 SYNCHRONOUS PIPELINE STATIC RAM From old datasheet system 200MHz; 3.3V; 64K x 32 synchronous pipelined static RAM 75MHz; 3.3V; 64K x 32 synchronous pipelined static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
MCM67B618B MCM67B618BFN9 |
MCM67B618B 64K X 18 Bit BurstRAM Synchronous Fast Static RAM 64K x 18 Bit BurstRAM Synchronous Fast Static RAM With Burst Counter and Self-Timed Write From old datasheet system
|
Motorola, Inc
|
IDT71V016 IDT71V016SA IDT71V016SA10BF8 IDT71V016SA |
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PBGA48 High-Performance Current-Mode PWM Controller 14-SOIC -40 to 85 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K X 16 STANDARD SRAM, 12 ns, PDSO44 0.400 INCH, PLASTIC, SOJ-44 TOOLS,SCREWDRIVERS,TORX,BALLDRIVER T-HANDLE SET,10-PC.INCH SIZES 3/32-3/8" AND STAND,HAND TOOLS,BALLDRIVER® T-HANDLE SETS ,BONDHUS 3.3V 64K x 16 Static RAM
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
MCM69P618C MCM69P618CTQ4 MCM69P618CTQ4.5 MCM69P618 |
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, 4 ns, PQFP100 64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, PQFP100
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
IS61LV6416 IS61LV6416-10 IS61LV6416-10B IS61LV6416 |
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY 64K的16高速CMOS静态RAM.3 V电源 ASYNCHRONOUS STATIC RAM
|
ETC ICSI[Integrated Circuit Solution Inc]
|
PDM41258LA7SO PDM41258SA7SOTR |
256K static RAM 64K x 4-bit
|
PARADIGM
|
MCM6209C MCM6209CJ15 MCM6209CJ15R2 MCM6209CJ20 MCM |
64K x 4 Bit Fast Static RAM
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
ST1335 ST1355-CW4 ST1335-BD10 ST1335-BD15 ST1335-B |
5-CONTACT MEMORY CARD IC 272 BIT EEPROM WITH ADVANCED SECURITY MECHANISMS 5V, 3.3V, ISR High-Performance CPLDs NX2LP DEVELOPMENT KIT KIT DEV MOBL-USB FX2LP18 MoBL® 4-Mbit (256K x 16) Static RAM MoBL® 1-Mbit (64K x 16) Static RAM MoBL® 1 Mbit (128K x 8) Static RAM MoBL® 2-Mbit (128K x 16) Static RAM (ST1335/13361355) 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms MoBL® 1-Mbit (64K x 16) Static RAM EEPROM 5V, 3.3V, ISR™ High-Performance CPLDs EEPROM MoBL® 4-Mbit (256K x 16) Static RAM EEPROM 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms 5,联系记忆卡IC 272位具有高级安全机制的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
MCM67H618B MCM67H618BFN10 MCM67H618BFN12 MCM67H618 |
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|