PART |
Description |
Maker |
MCM6206CJ15R2 MCM6206CJ17 MCM6206CJ17R2 MCM6206CJ2 |
32K x 8 Bit Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|
MCM67C518FN9 MCM67C518 MCM67C518FN6 MCM67C518FN7 |
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
CY7C198 CY7C198-15 CY7C198-15LMB CY7C198-20 CY7C19 |
32K x 8 Static RAM 32K的8静态RAM 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 35 ns, CQCC32 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 45 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 45 ns, CQCC32 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO32
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
MCM62110FN17 MCM62110FN15 MCM62110FN20 MCM62110 |
32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
IS61LV3216L-12K IS61LV3216L-12T IS61LV3216L-12KI I |
32K x 17 Low Voltage High-Speed CMOS Static RAM(3.3V,32K x 16 低压高速CMOS静态RAM) 32K x 16 LOW VOLTAGE CMOS STATIC RAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc.
|
CY7C199C-15PC CY7C199C CY7C199C-20ZI CY7C199CL-15Z |
256 Kb (32K x 8) Static RAM 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
STK16C88 STK16C88-35 STK16C88-45 STK16C88-25 STK16 |
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 32K x 8 AutoStorePlusnvSRAM QuantumTrapCMOS Nonvolatile Static RAM 32K的8 AutoStorePlus⑩⑩非易失QuantumTrap的CMOS非易失性静态随机存储器
|
Electronic Theatre Controls, Inc.
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
TC55257DFI TC55257DFTI TC55257DPI-70V TC55257DPI-8 |
(TC55257xxx) STATIC RAM 32K Word x 8 Static RAM(32Kx 8 静RAM) 32K的字× 8静态RAM2K的字× 8静态RAM)的
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
IDT71256SA15PZ IDT71256SA IDT71256SA20PZ IDT71256S |
CMOS STATIC RAM 256K (32K x 8-BIT) Asynchronous Communications Element With Autoflow Control 48-LQFP -40 to 85 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 25 ns, PDSO28
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|