PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AT90SC19264RC |
AT90SC19264RC Summary [Updated 8/02. 2 Pages] This document gives the key features. a brief description and a block diagram. The Complete is available under Non-Disclosure Agreement. AT90SC19264RC摘要[更新8日2页]本文件提供的主要特点。简短说明和框图。完整的可根据保密协议 SECURE MICROCONTROLLER FOR SMART CARDS Low-power, high-performance, 8-/16-bit secure microcontroller with 192K Byte ROM and 64K Byte EEPROM.
|
Cypress Semiconductor Corp. ATMEL[ATMEL Corporation]
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
MN103SF92GBL MN103S927 MN103S92A |
MICROCOMPUTER LSI 32-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP64 Microcomputer - 32bit - General Purpose
|
Panasonic, Corp. Panasonic Semiconductor
|
ADSP-2185MKST-300 ADSP-2185M ADSP-2185MKST-300R AD |
DSP Microcomputer 24-BIT, 33 MHz, OTHER DSP, PQFP100 DSP Microcomputer 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 METRIC, PLASTIC, TQFP-100 ADSP-2185M: 16-bit. 75 MIPS. 2.5v. 2 serial ports. host port. 80 KB RAM Data Sheet (Rev. 0. 10/00)
|
Analog Devices, Inc.
|
CSB455E35 CSB320D CSB480E35 FCR455K3 |
2-4V, 455KHz, 4-bit single chip microcomputer 2-4V, 320KHz, 4-bit single chip microcomputer 2-4V, 480KHz, 4-bit single chip microcomputer
|
Hynix Semiconductor
|
3819GROUP E3819G M38198EC-XXXFP M38198MC-XXXKP M38 |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer From old datasheet system Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
AT91SC464384RCU |
32-bit Secure Microcontrollers
|
ATMEL Corporation
|
DS5250F-125 DS5250F-825 DS5250F-8N5 |
High-Speed Secure Microcontroller 8-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Speed Secure Microcontroller 8-BIT, 25 MHz, MICROCONTROLLER, PQFP80
|
Maxim Integrated Products, Inc.
|