PART |
Description |
Maker |
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP2100IBZT HIP2100IRZ HIP2100EIBZ HIP2100IBT HIP2 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PQCC16 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Drives N-Channel MOSFET Half Bridge 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. Intersil Corporation
|
UC2635DW UC2635DWTR UC2635Q UC2635QTR UC2635J UC26 |
Iso high side smart power solid state relay Single channel high side driver with analog current sense for automotive applications Phase-Locked Loop
|
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
IR2105 IR2105S |
Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-lead SOIC package Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-pin DIP package High Voltage, High Speed Power MOSFET and IGBT Driver
|
IRF[International Rectifier]
|
VND5004ASP30-E VND5004A-E VND5004ASP30TR-E VND5004 |
Double 4mΩ high side driver with analog current sense for automotive applications Double 4m楼? high side driver with analog current sense for automotive applications Double 4mヘ high side driver with analog current sense for automotive applications
|
STMicroelectronics
|
M81729JFP |
HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
|
Mitsubishi Electric Semiconductor
|
IRS2526DSPBF-15 |
600V half-bridge high- and low-side gate driver
|
International Rectifier
|
ISL6208IB ISL6208IBZ ISL6208IBZ-T ISL6208IB-T ISL6 |
High Voltage Synchronous Rectified Buck MOSFET Driver with Programmable Deadtime; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver with Programmable Deadtime; Temperature Range: -40°C to 85°C; Package: 8-QFN T&R 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8
|
Intersil Corporation Intersil, Corp.
|
FAN7390M1X |
Half Bridge Gate Driver; Package: SOP; No of Pins: 14; Container: Tape & Reel HALF BRIDGE BASED PRPHL DRVR, PDSO14
|
Fairchild Semiconductor, Corp.
|
FAN7171-GF085 |
High-Side Automotive Gate Driver IC
|
ON Semiconductor
|
33198 |
Automotive High-Side TMOS Driver
|
飞思卡尔半导体(中国)有限公司
|