PART |
Description |
Maker |
MC145442BDW MC145442BP MC145443BDW MC145443BP MC14 |
MC145442B Single-Chip 300-Baud Modem Single-Chip 300-Baud Modem Slngle-Chlp 300-Baud Modem
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
FX419LH FX419J FX419LG FX419LGLH FX419 |
1200 Baud FFSK Modem SINGLE CHIP CMOS LSI CIRCUIT
|
CML ETC[ETC] List of Unclassifed Manufacturers
|
82C50 |
Communication Element, UART, Baud Rate Generator, CMOS, 625k Baud, 10MHz
|
Intersil
|
UM6551 UM6551A |
ON CHIP BAUD RATE GENERATOR
|
UMC[UMC Corporation]
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
MSM6946 |
(MSM6926 / MSM6946) 300 bps Single Chip FSK MODEM
|
OKI Semiconductor
|
MSM6926 MSM6946 MSM6926_MSM6946 MSM6926GS-2K MSM69 |
300 bps Single Chip FSK MODEM From old datasheet system
|
OKI electronic components OKI[OKI electronic componets]
|
ICS9248-171 ICS9248YF-171-T ICS9248YG-171-T ICS924 |
133.33 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 Single Chip, System Clock for K7/1647 Chipset up to 147MHz; SDRAM Clocks AMD - K7TM System Clock Chip
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
ICS94209 ICS94209YF-T AV94209F-T |
Programmable frequency generator and integrated buffer for Pentium III processor Single Chip; PIII, SIS 630S, 3 DIMM with I2C Programmability Programmable Frequency Generator & Integrated Buffers for Pentium III Processor 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, MO-118, SSOP-48
|
ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|